Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

68HC705SB7 Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # 68HC705SB7
Description  SPECIFICATION (General Release)
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SB7 Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button 68HC705SB7 Datasheet HTML 40Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 41Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 42Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 43Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 44Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 45Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 46Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 47Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 170 page
background image
GENERAL RELEASE SPECIFICATION
August 27, 1998
MOTOROLA
RESETS
MC68HC05SB7
5-6
REV 2.1
A reset therefore disables the SM-Bus and leaves the shared port A pins as gen-
eral I/O. Any pending interrupt flag is cleared and the SM-Bus interrupt is dis-
abled. Also the clock rate defaults to the fastest rate.
5.4.7 Analog Subsystem
A reset has the following effects on the analog subsystem:
•
Clears all the bits in the multiplex registers (AMUX1, AMUX2) bits except
the hold switch bit (HOLD) which is set.
•
Clears all the bits in the analog control register (ACR).
•
Clears all the bits in the analog status register (ASR).
A reset therefore connects the negative input of comparator to the channel selec-
tion bus, which is switched to VSS. The comparator is set up as non-inverting (a
higher positive voltage on the positive input results in a positive output) and both
are powered down. The current source and discharge device on the CAP pin is
also disabled and powered down. Any analog subsystem interrupt flags are
cleared and the interrupts are disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com