Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

68HC705SB7 Datasheet(PDF) 98 Page - Freescale Semiconductor, Inc

Part # 68HC705SB7
Description  SPECIFICATION (General Release)
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SB7 Datasheet(HTML) 98 Page - Freescale Semiconductor, Inc

Back Button 68HC705SB7 Datasheet HTML 94Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 95Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 96Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 97Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 98Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 99Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 100Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 101Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 102Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 170 page
background image
GENERAL RELEASE SPECIFICATION
August 27, 1998
MOTOROLA
TEMPERATURE SENSOR
MC68HC05SB7
14-2
REV 2.1
14.2
EXTERNAL TEMPERATURE SENSOR
In fast charge control applications, where close monitoring of the charging pro-
cess is required (especially temperature), an external temperature sensor (ther-
mistor) is recommended. This external thermistor connects to the TM pin (see
Figure 14-2), and its voltage measured via channel 4 (AN4, see Analog Sub-
system section) of the Analog Subsystem. For faster temperature response time
and more accurate measurement (required for fast charge control), the thermistor
should be mounted directly to the battery pack.
Figure 14-2. External Temperature Sensor Connection
14.3
TEMPERATURE SENSOR OPERATION DURING WAIT MODE
During WAIT mode the temperature sensor continues to operate normally.
14.4
TEMPERATURE SENSOR OPERATION DURING STOP MODE
In STOP mode the temperature sensor is disabled.
Batt+
Batt–
VDD
TM
VM
MC68HC05SB7
Thermistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com