Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

68HC705SB7 Datasheet(PDF) 60 Page - Freescale Semiconductor, Inc

Part # 68HC705SB7
Description  SPECIFICATION (General Release)
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SB7 Datasheet(HTML) 60 Page - Freescale Semiconductor, Inc

Back Button 68HC705SB7 Datasheet HTML 56Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 57Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 58Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 59Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 60Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 61Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 62Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 63Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 64Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 170 page
background image
GENERAL RELEASE SPECIFICATION
August 27, 1998
MOTOROLA
CORE TIMER
MC68HC05SB7
9-4
REV 2.1
Power on clears the entire counter chain and begins clocking the counter. After
the startup delay (16 or 4064 internal clock cycles) the power on reset circuit is
released, clearing the counter again and allowing the MCU to come out of reset.
Each count of the timer counter register takes eight oscillator cycles or four cycles
of the internal clock. A timer overflow function at the eighth counter stage allows a
timer interrupt every 1024 internal clock cycles.
9.3
COP WATCHDOG
Four counter stages at the end of the Core Timer make up the computer operating
properly (COP) watchdog. The COP watchdog timeout period is shown in Table 9-
1.
A timeout of the COP watchdog generates a COP reset. The COP watchdog is
part of a software error detection system and must be cleared periodically to start
a new timeout period. To clear the COP watchdog and prevent a COP reset, write
a logic “0” to the COPC bit of the COP register at location $1FF0.
COPC — COP Clear
COPC is a write-only bit. Periodically writing a logic zero to COPC prevents the
COP watchdog from resetting the MCU. Reset clears the COPC bit.
1 =
No effect on system.
0 =
Reset COP watchdog timer.
The COP Watchdog reset will assert the pulldown device to pull the RESET pin
low for three to four clock cycles of the internal bus clock.
After a POR or reset, the COP watchdog is disabled. It is enabled b writing a logic
“1” to the COPON bit in the Miscellaneous Control Register (see Figure 9-5).
Once enabled, the COP watchdog can only be disabled by a POR or reset.
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
COPR
R
00000000
$1FF0
W
COPC
reset:
UUUUUUU
0
U = UNAFFECTED BY RESET
Figure 9-4. COP Watchdog Register (COPR)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
MCR
R
TSEN
LVRON
0
SCLK
CSSEL
TCSEL
ESVEN
SMINLEV
$000B
W
COPON
reset:
01000000
U = UNAFFECTED BY RESET
Figure 9-5. Miscellaneous Control Register (MCR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com