Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

68HC705SB7 Datasheet(PDF) 78 Page - Freescale Semiconductor, Inc

Part # 68HC705SB7
Description  SPECIFICATION (General Release)
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SB7 Datasheet(HTML) 78 Page - Freescale Semiconductor, Inc

Back Button 68HC705SB7 Datasheet HTML 74Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 75Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 76Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 77Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 78Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 79Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 80Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 81Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 82Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 170 page
background image
GENERAL RELEASE SPECIFICATION
August 27, 1998
MOTOROLA
PULSE WIDTH MODULATOR
MC68HC05SB7
11-4
REV 2.1
Each PWM channel is enabled by setting the corresponding DAn-E bit in the
MCER, shown in Figure 11-11. With a PWM output enabled, the corresponding
port I/O is tri-stated automatically. Reset clears the four DAn-E bits.
The outputs from four channels PWM system can be inhibited by setting the
PWM_I bit in MCER. This bit can be used as a global pull logic “0” for all the
enabled DA’s line before enter STOP mode. The PWM_I bit is also used to disable
the counter while the PWM is not in use for power saving. Reset clears this bit.
DAn-E — D/A Channel n Enable
1 =
PWM output selected for PWMn/PAn pin.
0 =
Standard I/O selected for PWMn/PAn pin.
PWM_I — PWM Inhibit
1 =
Inhibit all four PWM channels; PWM 10-bit counter also stopped.
0 =
PWM channels not inhibited.
11.3
PWM DURING WAIT MODE
In WAIT mode, the oscillator is running even though the MCU clock is not present,
the PWM outputs are not affected. To reduce power consumption in WAIT mode, it
is recommended to disable the PWM.
11.4
PWM DURING STOP MODE
In STOP mode, the oscillator is stopped asynchronously with PWM operation. As
a consequence, the PWM output will remain at the state at the moment when the
oscillator is stopped. The PWM pin’s output depended on the state of PWM_I bit.
If this bit is clear, it might be at its high or low state at that moment, and it remains
at that state until STOP mode is exited. If the PWM_I bit is set, it will be inhibited
the state of PWM output in the process and pin output will be in logic low state.
After STOP mode is exited, the PWM output resumes its unfinished portion of the
stopped cycle if PWM_I bit is clear by software.
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
MCER
R
PWM_I
000
DA3-E
DA2-E
DA1-E
DA0-E
$002D
W
reset:
00000000
Figure 11-11. MUX Channel Enable Register (MCER)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com