Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

68HC705SB7 Datasheet(PDF) 80 Page - Freescale Semiconductor, Inc

Part # 68HC705SB7
Description  SPECIFICATION (General Release)
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SB7 Datasheet(HTML) 80 Page - Freescale Semiconductor, Inc

Back Button 68HC705SB7 Datasheet HTML 76Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 77Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 78Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 79Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 80Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 81Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 82Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 83Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 84Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 170 page
background image
GENERAL RELEASE SPECIFICATION
August 27, 1998
MOTOROLA
SM-BUS
MC68HC05SB7
12-2
REV 2.1
Figure 12-1. SM-Bus Interface Block Diagram
12.3
SM-BUS SYSTEM CONFIGURATION
The SM-Bus system uses a serial data line (SDA) and a serial clock line (SCL) for
data transfer. All devices connected to it must have open drain or open collector
outputs and the logical “AND” function is performed on both lines by two pull up
resistors.
12.4
SM-BUS PROTOCOL
Normally a standard communication is composed of four parts, START signal,
Slave Address transmission, Data transfer, and STOP signal. These are described
briefly in the following sections and illustrated in Figure 12-2.
Internal bus
Frequency
divider
register
Address
comparator
Address
register
8
SMEN SMIEN SMSTA SMTX TXAK
SMCF SMAAS SMBB SMAL
SRW
SMIF SRXAK
TX shift
register
RX shift
register
RX
control
TX
control
M-Bus
interrupt
SCL
control
SDA
control
M-Bus clock
generator
sync logic
START, STOP
detector and
arbitration
START, STOP
generator and
timing sync
SCL
SDA
Control register
Status register
Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com