Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCIMX536AVV8B Datasheet(PDF) 140 Page - Freescale Semiconductor, Inc

Part # PCIMX536AVV8B
Description  i.MX53xA Automotive and Infotainment Applications Processors
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX536AVV8B Datasheet(HTML) 140 Page - Freescale Semiconductor, Inc

Back Button PCIMX536AVV8B Datasheet HTML 136Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 137Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 138Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 139Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 140Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 141Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 142Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 143Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 144Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 180 page
background image
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 1
140
Freescale Semiconductor
Electrical Characteristics
4.7.18.3
UART IrDA Mode Timing
The following subsections give the UART transmit and receive timings in IrDA mode.
4.7.18.3.3
UART IrDA Mode Transmitter
Figure 91 depicts the UART IrDA mode transmit timing, with 8 data bit/1 stop bit format. Table 89 lists
the transmit timing characteristics.
Figure 91. UART IrDA Mode Transmit Timing Diagram
4.7.18.3.4
UART IrDA Mode Receiver
Figure 92 depicts the UART IrDA mode receive timing, with 8 data bit/1 stop bit format. Table 90 lists the
receive timing characteristics.
Figure 92. UART IrDA Mode Receive Timing Diagram
Table 89. IrDA Mode Transmit Timing Parameters
ID
Parameter
Symbol
Min
Max
Units
UA3
Transmit Bit Time in IrDA mode
tTIRbit
1/Fbaud_rate
1 –
Tref_clk
2
1 F
baud_rate: Baud rate frequency. The maximum baud rate the UART can support is (ipg_perclk frequency)/16.
2 T
ref_clk: The period of UART reference clock ref_clk (ipg_perclk after RFDIV divider).
1/Fbaud_rate + Tref_clk
—
UA4
Transmit IR Pulse Duration
tTIRpulse
(3/16)*(1/Fbaud_rate)
– Tref_clk
(3/16)*(1/Fbaud_rate)+
Tref_clk
—
Table 90. IrDA Mode Receive Timing Parameters
ID
Parameter
Symbol
Min
Max
Units
UA5
Receive Bit Time1 in IrDA mode
tRIRbit
1/Fbaud_rate
2 –
1/(16*Fbaud_rate)
1/Fbaud_rate +
1/(16*Fbaud_rate)
—
UA6
Receive IR Pulse Duration
tRIRpulse
1.41 us
(5/16)*(1/Fbaud_rate)—
Bit 1
Bit 2
Bit 0
Bit 4
Bit 5
Bit 6
Bit 7
TXD
(output)
Bit 3
Start
Bit
STOP
BIT
Possible
Parity
Bit
UA3
UA3
UA3
UA3
UA4
Bit 1
Bit 2
Bit 0
Bit 4
Bit 5
Bit 6
Bit 7
RXD
(input)
Bit 3
Start
Bit
STOP
BIT
Possible
Parity
Bit
UA5
UA5
UA5
UA5
UA6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com