Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCIMX536AVV8B Datasheet(PDF) 141 Page - Freescale Semiconductor, Inc

Part # PCIMX536AVV8B
Description  i.MX53xA Automotive and Infotainment Applications Processors
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX536AVV8B Datasheet(HTML) 141 Page - Freescale Semiconductor, Inc

Back Button PCIMX536AVV8B Datasheet HTML 137Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 138Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 139Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 140Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 141Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 142Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 143Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 144Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 145Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 180 page
background image
Electrical Characteristics
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 1
Freescale Semiconductor
141
4.7.19
USB-OH-3 Parameters
This section describes the electrical parameters of the USB OTG port and USB HOST ports. For on-chip
USB PHY parameters see Section 4.7.20, “USB PHY Parameters.”
4.7.19.1
Serial Interface
In order to support four serial different interfaces, the USB serial transceiver can be configured to operate
in one of four modes:
•
DAT_SE0 bidirectional, 3-wire mode
•
DAT_SE0 unidirectional, 6-wire mode
•
VP_VM bidirectional, 4-wire mode
•
VP_VM unidirectional, 6-wire mode
4.7.19.1.1
DAT_SE0 Bidirectional Mode
Figure 93. USB Transmit Waveform in DAT_SE0 Bidirectional Mode
1
The UART receiver can tolerate 1/(16*Fbaud_rate) tolerance in each bit. But accumulation tolerance in one frame must not
exceed 3/(16*Fbaud_rate).
2 F
baud_rate: Baud rate frequency. The maximum baud rate the UART can support is (ipg_perclk frequency)/16.
Table 91. Signal Definitions - DAT_SE0 Bidirectional Mode
Name
Direction
Signal Description
USB_TXOE_B
Out
Transmit enable, active low
USB_DAT_VP
Out
In
TX data when USB_TXOE_B is low
Differential RX data when USB_TXOE_B is high
USB_SE0_VM
Out
In
SE0 drive when USB_TXOE_B is low
SE0 RX indicator when USB_TXOE_B is high
USB_DAT_VP
USB_SE0_VM
US1
US2
Transmit
US4
USB_TXOE_B
US3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com