Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCIMX536AVV8B Datasheet(PDF) 167 Page - Freescale Semiconductor, Inc

Part # PCIMX536AVV8B
Description  i.MX53xA Automotive and Infotainment Applications Processors
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX536AVV8B Datasheet(HTML) 167 Page - Freescale Semiconductor, Inc

Back Button PCIMX536AVV8B Datasheet HTML 163Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 164Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 165Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 166Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 167Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 168Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 169Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 170Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 171Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 180 page
background image
Package Information and Contact Assignments
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 1
Freescale Semiconductor
167
EIM_EB1
AB5
NVCC_EIM_MAIN
UHVIO
ALT0
EXTMC emi_EIM_EB[1]
Output2
—
EIM_EB2
Y3
NVCC_EIM_MAIN
UHVIO
ALT1
GPIO-2
gpio2_GPIO[30]
Input
100 K
Ω PU
EIM_EB3
Y4
NVCC_EIM_MAIN
UHVIO
ALT1
GPIO-2
gpio2_GPIO[31]
Input
100 K
Ω PU
EIM_LBA
AA6
NVCC_EIM_MAIN
UHVIO
ALT0
EXTMC emi_EIM_LBA
Output2
—
EIM_OE
V8
NVCC_EIM_MAIN
UHVIO
ALT0
EXTMC emi_EIM_OE
Output
—
EIM_RW
AB4
NVCC_EIM_MAIN
UHVIO
ALT0
EXTMC emi_EIM_RW
Output
—
EIM_WAIT
AB9
NVCC_EIM_MAIN
UHVIO
ALT0
EXTMC emi_EIM_WAIT
Output
—
EXTAL
AB11
NVCC_XTAL
ANALOG
—
EXTAL
OSC
EXTAL
—
—
FASTR_ANA
E18
NVCC_CKIH
ANALOG
—
—
(reserved, tie to
ground)
——
FASTR_DIG
E17
NVCC_CKIH
ANALOG
—
—
(reserved, tie to
ground)
——
FEC_CRS_DV D11
NVCC_FEC
UHVIO
ALT1
GPIO-1
gpio1_GPIO[25]
Input
100 K
Ω PU
FEC_MDC
E10
NVCC_FEC
UHVIO
ALT1
GPIO-1
gpio1_GPIO[31]
Input
100 K
Ω PU
FEC_MDIO
D12
NVCC_FEC
UHVIO
ALT1
GPIO-1
gpio1_GPIO[22]
Input
100 K
Ω PU
FEC_REF_CL
K
E12
NVCC_FEC
UHVIO
ALT1
GPIO-1
gpio1_GPIO[23]
Input
100 K
Ω PU
FEC_RX_ER
F12
NVCC_FEC
UHVIO
ALT1
GPIO-1
gpio1_GPIO[24]
Input
100 K
Ω PU
FEC_RXD0
C11
NVCC_FEC
UHVIO
ALT1
GPIO-1
gpio1_GPIO[27]
Input
100 K
Ω PU
FEC_RXD1
E11
NVCC_FEC
UHVIO
ALT1
GPIO-1
gpio1_GPIO[26]
Input
100 K
Ω PU
FEC_TX_EN
C10
NVCC_FEC
UHVIO
ALT1
GPIO-1
gpio1_GPIO[28]
Input
360 K
Ω PD
FEC_TXD0
F10
NVCC_FEC
UHVIO
ALT1
GPIO-1
gpio1_GPIO[30]
Input
100 K
Ω PU
FEC_TXD1
D10
NVCC_FEC
UHVIO
ALT1
GPIO-1
gpio1_GPIO[29]
Input
100 K
Ω PU
GPIO_0
C8
NVCC_GPIO
UHVIO
ALT1
GPIO-1
gpio1_GPIO[0]
Input
360 K
Ω PD
GPIO_1
B7
NVCC_GPIO
UHVIO
ALT1
GPIO-1
gpio1_GPIO[1]
Input
360 K
Ω PD
GPIO_10
W16
TVDAC_AHVDDRG
B
GPIO
ALT0
GPIO-4
gpio4_GPIO[0]
Input
100 K
Ω PU
GPIO_11
V17
TVDAC_AHVDDRG
B
GPIO
ALT0
GPIO-4
gpio4_GPIO[1]
Input
100 K
Ω PU
GPIO_12
W17
TVDAC_AHVDDRG
B
GPIO
ALT0
GPIO-4
gpio4_GPIO[2]
Input
100 K
Ω PU
Table 112. 19 x 19 mm Signal Assignments, Power Rails, and I/O (continued)
Package Pin
Name
Package
Pin
Assign
ment
Power Rail
I/O Buffer
Type
Out of Reset Condition1
Alt.
Mode
Block I/O
Directio
n
Config./
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com