Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCIMX536AVV8B Datasheet(PDF) 171 Page - Freescale Semiconductor, Inc

Part # PCIMX536AVV8B
Description  i.MX53xA Automotive and Infotainment Applications Processors
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX536AVV8B Datasheet(HTML) 171 Page - Freescale Semiconductor, Inc

Back Button PCIMX536AVV8B Datasheet HTML 167Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 168Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 169Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 170Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 171Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 172Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 173Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 174Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 175Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 180 page
background image
Package Information and Contact Assignments
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 1
Freescale Semiconductor
171
PATA_DATA2
L6
NVCC_PATA
UHVIO
ALT1
GPIO-2
gpio2_GPIO[2]
Input
100 K
Ω PU
PATA_DATA3
M2
NVCC_PATA
UHVIO
ALT1
GPIO-2
gpio2_GPIO[3]
Input
100 K
Ω PU
PATA_DATA4
M3
NVCC_PATA
UHVIO
ALT1
GPIO-2
gpio2_GPIO[4]
Input
100 K
Ω PU
PATA_DATA5
M4
NVCC_PATA
UHVIO
ALT1
GPIO-2
gpio2_GPIO[5]
Input
100 K
Ω PU
PATA_DATA6
N1
NVCC_PATA
UHVIO
ALT1
GPIO-2
gpio2_GPIO[6]
Input
100 K
Ω PU
PATA_DATA7
M5
NVCC_PATA
UHVIO
ALT1
GPIO-2
gpio2_GPIO[7]
Input
100 K
Ω PU
PATA_DATA8
N2
NVCC_PATA
UHVIO
ALT1
GPIO-2
gpio2_GPIO[8]
Input
100 K
Ω PU
PATA_DATA9
N3
NVCC_PATA
UHVIO
ALT1
GPIO-2
gpio2_GPIO[9]
Input
100 K
Ω PU
PATA_DIOR
K3
NVCC_PATA
UHVIO
ALT1
GPIO-7
gpio7_GPIO[3]
Input
100 K
Ω PU
PATA_DIOW
J3
NVCC_PATA
UHVIO
ALT1
GPIO-6
gpio6_GPIO[17]
Input
100 K
Ω PU
PATA_DMACK
J2
NVCC_PATA
UHVIO
ALT1
GPIO-6
gpio6_GPIO[18]
Input
100 K
Ω PU
PATA_DMARQ J1
NVCC_PATA
UHVIO
ALT1
GPIO-7
gpio7_GPIO[0]
Input
100 K
Ω PU
PATA_INTRQ
K5
NVCC_PATA
UHVIO
ALT1
GPIO-7
gpio7_GPIO[2]
Input
100 K
Ω PU
PATA_IORDY
K1
NVCC_PATA
UHVIO
ALT1
GPIO-7
gpio7_GPIO[5]
Input
100 K
Ω PU
PATA_RESET
_B
K2
NVCC_PATA
UHVIO
ALT1
GPIO-7
gpio7_GPIO[4]
Input
100 K
Ω PU
PMIC_ON_RE
Q
W14
NVCC_SRTC_POW
GPIO
ALT0
SRTC
srtc_SRTCALAR
M
Output
—
PMIC_STBY_
REQ
W15
NVCC_SRTC_POW
GPIO
ALT0
CCM
ccm_PMIC_VST
BY_REQ
Output
—
POR_B
C19
NVCC_RESET
LVIO
ALT0
SRC
src_POR_B
Input
100 K
Ω PU
RESET_IN_B
A21
NVCC_RESET
LVIO
ALT0
SRC
src_RESET_B
Input
100 K
Ω PU
SATA_REFCL
KM
A14
VPH
ANALOG
—
SATA
SATA_REFCLKM
—
—
SATA_REFCL
KP
B14
VPH
ANALOG
—
SATA
SATA_REFCLKP
—
—
SATA_REXT
C13
VPH
ANALOG
—
SATA
SATA_REXT
—
—
SATA_RXM
A12
VPH
ANALOG
—
SATA
SATA_RXM
—
—
SATA_RXP
B12
VPH
ANALOG
—
SATA
SATA_RXP
—
—
SATA_TXM
B10
VPH
ANALOG
—
SATA
SATA_TXM
—
—
SATA_TXP
A10
VPH
ANALOG
—
SATA
SATA_TXP
—
—
Table 112. 19 x 19 mm Signal Assignments, Power Rails, and I/O (continued)
Package Pin
Name
Package
Pin
Assign
ment
Power Rail
I/O Buffer
Type
Out of Reset Condition1
Alt.
Mode
Block I/O
Directio
n
Config./
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com