Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFE8220TPZPQ1 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # AFE8220TPZPQ1
Description  DUAL INTERMEDIATE FREQUENCY (IF) ANALOG FRONT END FOR DIGITAL RADIO
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE8220TPZPQ1 Datasheet(HTML) 18 Page - Texas Instruments

Back Button AFE8220TPZPQ1 Datasheet HTML 14Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 15Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 16Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 17Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 18Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 19Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 20Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 21Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 49 page
background image
IFP
IFM
VCM
TUN R
E _0
13 W
13 W
12 pF
IFP
IFM
VCM
TU E
N R_1
13 W
13 W
0.1 µF
0.1 µF
0.01 µF
0.01 µF
0.1 µF
0.1 µF
1 µF
0.1 F
µ
56 kW
AFE8220
IF_INP0
IF_INM0
IF_INP1
IF_INM1
IF_VCM
IF_REFP
IF_REFM
IF_BIAS
9
10
22
21
11
12
13
19
12 pF
1 µF
IF ADC Alarm/Attenuator
AFE8220-Q1
SBAS455A – JANUARY 2009 – REVISED JULY 2009....................................................................................................................................................... www.ti.com
Table 2. IF_ADC Control Register Settings
PARAMETER
ADDRESS
BITS
ifadc_en[0]
1
0
ifadc_en[1]
1
1
ifadc_gain0
1
2
ifadc_gain1
1
3
Figure 13. IF ADC Connections
The output of each IF ADC is monitored to ensure that the full-scale input range is not exceeded. If an ADC
over-range condition occurs, an overflow signal is generated that may be used to generate an interrupt on the
IRQ line, depending on the settings in the IRQ interrupt generator.
In addition, programmable limits may be set for each IF ADC. If the absolute value of IF_ADC0 exceeds
if_adc_limit0 or the absolute value of IF_ADC1 exceeds ifadc_limit1, then an interrupt may be generated on IRQ
again depending on the settings in the IRQ interrupt generator.
In the case of an IF ADC event, the IRQ status register can be read back to determine the type of event and on
which ADC channel it occurred. The IRQ status register can be polled to determine if an IF ADC event has
occurred in the case where IF ADC events are masked from generating an interrupt.
The control variable ddc0_atten causes an attenuation of the IF_ADC0 output prior to the DDC. The attenuation
ranges in 3-dB steps from 0 dB (for ddc0_atten = 0) to –18 dB (for ddc0_atten = 6). ddc1_atten has the same
effect on the output of IF_ADC1.
18
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): AFE8220-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com