Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFE8220TPZPQ1 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # AFE8220TPZPQ1
Description  DUAL INTERMEDIATE FREQUENCY (IF) ANALOG FRONT END FOR DIGITAL RADIO
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE8220TPZPQ1 Datasheet(HTML) 31 Page - Texas Instruments

Back Button AFE8220TPZPQ1 Datasheet HTML 27Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 28Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 29Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 30Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 31Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 32Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 33Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 34Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
Begin
Done
Setrtc_mode=0
No
Yes
Does
rtc_hours=0?
Readrtc_hoursRegister
Setrtc_hours=
rtc_hours
12
-
andrtc_ampm=1
Setrtc_hours=12
andrtc_ampm=0
No
Yes
Is
rtc_hours<12?
Setrtc_ampm=0
No
Yes
Does
rtc_hours=12?
Setrtc_ampm=1
f
=
DEBOUNCE
f
RTC
2
2
GPIO_DEBOUNCE_FREQ + 1
´
(24)
AFE8220-Q1
www.ti.com....................................................................................................................................................... SBAS455A – JANUARY 2009 – REVISED JULY 2009
Figure 19. Procedure for Updating RTC Hour When Going from 24-Hour Mode to 12-Hour Mode
The debounce circuitry uses a clock divided from the RTC oscillator, with a debounce clock frequency given by
Equation 24.
If debounce is enabled, then in order for a GPIO input to change value (and possibly generate an interrupt if so
programmed) it must remain stable for the number of debounce clock cycles (zero to three) given in the
appropriate field of gpio_delay.+
Table 17. General RTC Control Register Settings
PARAMETER
ADDRESS
BITS
rtc_ampm
75
7
rtc_comp_cnt[5:0]
64
12:7
rtc_comp_en
64
2
rtc_comp_val
66
15:0
rtc_day[5:0]
76
5:0
rtc_day_of_week[2:0]
79
2:0
rtc_en
64
0
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Link(s): AFE8220-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com