Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFE8220TPZPQ1 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # AFE8220TPZPQ1
Description  DUAL INTERMEDIATE FREQUENCY (IF) ANALOG FRONT END FOR DIGITAL RADIO
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE8220TPZPQ1 Datasheet(HTML) 25 Page - Texas Instruments

Back Button AFE8220TPZPQ1 Datasheet HTML 21Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 22Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 23Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 24Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 25Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 26Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 27Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 28Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 49 page
background image
f
=
IF_DCLK
f
MCLK
if_dclk_div
if_dclk_div>1
(22)
f
=f
IF_DCLK
MCLK
if_dclk_div
1
£
(23)
A0[15:0]
B0[15:0]
A0[15:0]
B0[15:0]
IF_DOUT0
IF_DFSO
Mode0
IF_DCLK
IF_DFSO
Mode1
IF_DFSO
Mode2
AFE8220-Q1
www.ti.com....................................................................................................................................................... SBAS455A – JANUARY 2009 – REVISED JULY 2009
For example, bits [11:8] of dout2_config set the source assignment for time slot C2 of IF_DOUT2.
The control variable if_dclk_div sets the frequency of IF_DCLK, as shown in Equation 22 and Equation 23.
Normally the data and the frame sync change on the rising edge of IF_DCLK. If if_dclk_edge is set to 1 then
IF_DCLK is inverted so that data and frame sync change on the falling edge of IF_DCLK.
The control value if_dfso_select determines which DDC is responsible for generating IF_DFSO. If if_dfso_select
is 0, then an IF_DFSO pulse is generated each time a new output is ready from DDC0. Similarly, if if_dfso_select
is 1, then an IF_DFSO pulse is generated each time a new output is ready from DDC1. If the decimation rates of
DDC0 and DDC1 are identical, then it does not matter which DDC initiates the IF_DFSO pulse. If the decimation
rates are different, then the DDC with the smaller decimation ratio (higher output rate) should be chosen to
generate the IF_DFSO pulse. Note that in this case, outputs from the slower DDC are repeated for multiple
frames and it is the responsibility of the DSP software to compensate. This compensation is easiest to do if the
higher decimation rate is an integer multiple of the lower decimation rate.
Finally, if_dfso_mode is used to select alternate forms of frame sync. In the default case (if_dfso_mode = 0), the
frame sync is a high pulse one clock period wide that occurs the clock cycle before the first data bit of the serial
output. If if_dfso_mode is set to 1, then the frame sync changes polarity once per frame; again, one clock cycle
before the first data bit of the frame. If if_dfso_mode is set to 2, then the frame sync behaves like the default
frame sync except that the sync pulse is 16 clock periods wide. The three frame sync modes are illustrated in
Figure 15 and Figure 16. Table 8 shows the detailed timing conditions for Figure 16.
It is recommended that the DSP interface be configured to sample IF_DFSO and the four IF_DOUT lines on the
trailing edge of IF_DCLK. Table 9 shows the dout, if_dclk, if_dfso, and if_dout operation control settings.
Table 8. Detailed Timing Conditions
PARAMETER
MIN
TYP
MAX
UNIT
tD1
IF_DCLK0 to IF_DFS0 delay
-2.9
3.7
ns
tD2
IF_DCLK0 to IF_DOUTx delay
-3.1
3.8
ns
Table 9. Primary IF Control Register Settings
PARAMETER
ADDRESS
BITS
dout_en
1
7
if_dclk_div
31
4:0
if_dclk_edge
31
5
if_dfso_mode
31
8:7
if_dfso_select
31
6
if_dout0_config
27
15:0
if_dout1_config
28
15:0
if_dout2_config
29
15:0
if_dout3_config
30
15:0
Figure 15. Frame Sync Modes
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): AFE8220-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com