Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFE8220TPZPQ1 Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # AFE8220TPZPQ1
Description  DUAL INTERMEDIATE FREQUENCY (IF) ANALOG FRONT END FOR DIGITAL RADIO
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE8220TPZPQ1 Datasheet(HTML) 43 Page - Texas Instruments

Back Button AFE8220TPZPQ1 Datasheet HTML 39Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 40Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 41Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 42Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 43Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 44Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 45Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 46Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 49 page
background image
AFE8220-Q1
www.ti.com....................................................................................................................................................... SBAS455A – JANUARY 2009 – REVISED JULY 2009
Table 24. Control Registers (continued)
Address: 69
Description: Realtime Clock Alarm
Bits
Range
Action
Parameter Name
1..12
Hour alarm setting, 12-hour mode
5:0
rtc_hours_alarm(5:0)
0..23
Hour alarm setting, 24-hour mode
6
—
Not used
—
12-hour mode: 0 = AM, 1 = PM
7
0/1
rtc_ampm_alarm
24-hour mode: not used
Address: 70
Description: Real-Time Clock Alarm
Bits
Range
Action
Parameter Name
5:0
1..31
Day of the month alarm setting
rtc_day_alarm(5:0)
Address: 71
Description: Real-Time Clock Alarm
Bits
Range
Action
Parameter Name
4:0
1..12
Month alarm setting
rtc_months_alarm(4:0)
Address: 72
Description: Real-Time Clock Alarm
Bits
Range
Action
Parameter Name
7:0
—
Year alarm setting
rtc_year_alarm(7:0)
Address: 73
Description: Real-Time Clock Current Time
Bits
Range
Action
Parameter Name
6:0
0..59
Seconds register
rtc_seconds(6:0)
14:7
—
Not used
—
15
0/1
Real-time clock busy (read only)
rtc_busy
Address: 74
Description: Real-Time Clock Current Time
Bits
Range
Action
Parameter Name
6:0
0..59
Minutes register
rtc_minutes(6:0)
14:7
—
Not used
—
15
0/1
Real-time clock busy (read only)
rtc_busy
Address: 75
Description: Real-Time Clock Current Time (continued)
Bits
Range
Action
Parameter Name
1..12
Hour register, 12-hour mode
5:0
rtc_hours(5:0)
0..23
Hour register, 24-hour mode
6
—
Not used
—
12-hour mode: 0 = AM, 1 = PM
7
0/1
rtc_ampm
24-hour mode: not used
14:8
—
Not used
—
15
0/1
Real-time clock busy (read only)
rtc_busy
Address: 76
Description: Real-Time Clock Current Time
Bits
Range
Action
Parameter Name
5:0
1..31
Day of month register
rtc_day(5:0)
14:6
—
Not used
—
15
0/1
Real-time clock busy (read only)
rtc_busy
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
43
Product Folder Link(s): AFE8220-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com