Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFE8220TPZPQ1 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # AFE8220TPZPQ1
Description  DUAL INTERMEDIATE FREQUENCY (IF) ANALOG FRONT END FOR DIGITAL RADIO
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE8220TPZPQ1 Datasheet(HTML) 37 Page - Texas Instruments

Back Button AFE8220TPZPQ1 Datasheet HTML 33Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 34Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 35Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 36Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 37Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 38Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 39Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 40Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 49 page
background image
AFE8220-Q1
www.ti.com....................................................................................................................................................... SBAS455A – JANUARY 2009 – REVISED JULY 2009
Table 24. Control Registers (continued)
Address: 17
Description: DDC1 NCO Frequency
Bits
Range
Action
Parameter Name
15:0
0..65535
Upper bytes of DDC1 NCO frequency
ddc1_demod_freq(31:16)
Address: 18
Description: DDC1 NCO Frequency
Bits
Range
Action
Parameter Name
15:0
0..65535
Lower bytes of DDC1 NCO frequency
ddc1_demod_freq(15:0)
Address: 19
Description: DDC1 NCO Phase
Bits
Range
Action
Parameter Name
15:0
0..65535
Upper bytes of DDC1 NCO phase
ddc1_demod_phase(31:16)
Address: 20
Description: DDC1 NCO Phase
Bits
Range
Action
Parameter Name
15:0
0..65536
Lower bytes of DDC1 NCO phase
ddc1_demod_phase(15:0)
Address: 21
Description: DDC1 CIC Filter Decimation
Bits
Range
Action
Parameter Name
8:0
4..256
CIC filter decimation rate
ddc1_cic_dec_rate(8:0)
Address: 22
Description: DDC1 CIC Filter
Bits
Range
Action
Parameter Name
5:0
0..63
CIC filter post-filter shift
ddc1_cic_shift(5:0)
11:6
0..32
CIC filter post-filter scale
ddc1_cic_scale(5:0)
Address: 23
Description: DDC1 FIR Filter 1
Bits
Range
Action
Parameter Name
1:0
0..3
FIR filter mode
ddc1_fir1_mode(1:0)
7:2
0..63
Number of coefficients to process
ddc1_fir1_ncoeffs(5:0)
13:8
0..63
Coefficient base address
ddc1_fir1_base_addr(5:0)
Address: 24
Description: DDC1 FIR Filter 2A
Bits
Range
Action
Parameter Name
1:0
0..3
FIR filter mode
ddc1_fir2a_mode(1:0)
8:2
0..127
Number of coefficients to process
ddc1_fir2a_ncoeffs(6:0)
15:9
0..127
Coefficient base address
ddc1_fir2a_base_addr(6:0)
Address: 25
Description: DDC1 FIR Filter 2B
Bits
Range
Action
Parameter Name
1:0
0..3
FIR filter mode
ddc1_fir2b_mode(1:0)
8:2
0..127
Number of coefficients to process
ddc1_fir2b_ncoeffs(6:0)
15:9
0..127
Coefficient base address
ddc1_fir2b_base_addr(6:0)
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Link(s): AFE8220-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com