Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFE8220TPZPQ1 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # AFE8220TPZPQ1
Description  DUAL INTERMEDIATE FREQUENCY (IF) ANALOG FRONT END FOR DIGITAL RADIO
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE8220TPZPQ1 Datasheet(HTML) 35 Page - Texas Instruments

Back Button AFE8220TPZPQ1 Datasheet HTML 31Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 32Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 33Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 34Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 35Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 36Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 37Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 38Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 49 page
background image
Control Register Assignments
AFE8220-Q1
www.ti.com....................................................................................................................................................... SBAS455A – JANUARY 2009 – REVISED JULY 2009
Table 24. Control Registers
Address: 1
Description: Functional Block Enables
Bits
Range
Action
Parameter Name
1:0
0..3
Enable IFADC converters
ifadc_en(1:0)
2
0/1
Gain control for IF_ADC0
ifadc_gain0
3
0/1
Gain control for IF_ADC1
ifadc_gain1
5:4
0..3
Enable DDCs
ddc_en(1:0)
6
0/1
Synchronize DDC0 and DDC1
ddc_sync
7
0/1
Enable primary IF data interface
dout_en
8
0/1
Enable secondary IF data interface
bb_en
10:9
0..3
Enable auxiliary DACs
cdac_en(1:0)
11
—
Not used
aux_adc_en
12
0/1
Enable RTC output pins
rtc_oe
13
0/1
Enable reference clock output pins
refclk_en
Address: 2
Description: Interrupt Output Level Configuration
Bits
Range
Action
Parameter Name
0 = Active high WAKEUP interrupt
0
0/1
wakeup_sense
1 = Active low WAKEUP interrupt
0 = Active high IRQ0 interrupt
1
0/1
irq0_sense
1 = Active low IRQ0 interrupt
0 = Active high IRQ1 interrupt
2
0/1
irq1_sense
1 = Active low IRQ1 interrupt
0 = Active high IRQ2 interrupt
3
0/1
irq2_sense
1 = Active low IRQ2 interrupt
Address: 3
Description: DDC0 Input Attenuator
Bits
Range
Action
Parameter Name
2:0
0..6
Attenuation setting for DDC0
ddc_atten(2:0)
Address: 4
Description: DDC0 Input Attenuator
Bits
Range
Action
Parameter Name
15:0
0..65535
Delay setting for DDC0 attenuator
ddc0_delay(15:0)
Address: 5
Description: DDC0 NCO Frequency
Bits
Range
Action
Parameter Name
15:0
0..65535
Upper bytes of DDC0 NCO frequency
ddc0_demod_freq(31:16)
Address: 6
Description: DDC0 NCO Frequency
Bits
Range
Action
Parameter Name
15:0
0..65535
Lower bytes of DDC0 NCO frequency
ddc0_demod_freq(15:0)
Address: 7
Description: DDC0 NCO Phase
Bits
Range
Action
Parameter Name
15:0
0..65535
Upper bytes of DDC0 NCO phase
ddc0_demod_phase(31:16)
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Link(s): AFE8220-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com