Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFE8220TPZPQ1 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # AFE8220TPZPQ1
Description  DUAL INTERMEDIATE FREQUENCY (IF) ANALOG FRONT END FOR DIGITAL RADIO
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE8220TPZPQ1 Datasheet(HTML) 27 Page - Texas Instruments

Back Button AFE8220TPZPQ1 Datasheet HTML 23Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 24Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 25Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 26Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 27Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 28Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 29Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 30Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 49 page
background image
Master Clock Oscillator
R
1
AFE8220
MCLKI
MCLKO
C
2
C
1
1nF
L1
L2
Crystal
DVS 2
S
49
50
51
Real-Time Clock Oscillator
AFE8220-Q1
www.ti.com....................................................................................................................................................... SBAS455A – JANUARY 2009 – REVISED JULY 2009
The master clock oscillator supports third-overtone designs from 55 MHz to 75 MHz. It can also support
fundamental operations in the 20-MHz to 30-MHz range. The recommended third-overtone circuit for
third-overtone operation is shown in Figure 17 and Table 11.
Figure 17. Third-Overtone Operation
Table 11. Third-Overtone Operation Recommendations
FREQUENCY (MHz)
C1 (pF)
C2 (pF)
L1 (
µH)
L2 (
µH)
R1 (kΩ)
55
3
10
0.1
4.7
6.8
60
5
10
0.82
3.3
4.7
65
4
10
0.68
2.7
3.3
70
5
10
0.56
2.7
3.3
75
3
10
0.56
2.2
3.3
The master clock oscillator may be optionally divided down to provide a reference clock on the REFCLK pin.
Control variable refclk_en enables the generation of the reference clock when high. Two variables, refclk_hi and
refclk_lo, define the high and low periods of REFCLK in terms of MCLK cycles. REFCLK is high for refclk_hi
cycles of MCLK, then low for refclk_lo periods of MCLK. REFCLK frequency is limited to integer submultiples of
MCLK. Table 12 shows the refclk operation control settings.
Table 12. REFCLK Control Register Settings
PARAMETER
ADDRESS
BITS
refclk_en
1
13
refclk_hi
41
15:0
refclk_lo
40
15:0
The real-time clock oscillator supports crystals in the frequency range of 32.768 kHz through 150 kHz. The
real-time clock module can be programmed to operate accurately with crystals in this frequency range.
The real-time clock oscillator output may be optionally output on the RTC_OUT pin when rtc_oe is set high. This
option allows the real-time clock oscillator to be used as an alternate reference clock in the event that an
acceptable frequency cannot be derived from MCLK. Table 13 shows the rtc_oe control setting.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): AFE8220-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com