Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFE8220TPZPQ1 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # AFE8220TPZPQ1
Description  DUAL INTERMEDIATE FREQUENCY (IF) ANALOG FRONT END FOR DIGITAL RADIO
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE8220TPZPQ1 Datasheet(HTML) 22 Page - Texas Instruments

Back Button AFE8220TPZPQ1 Datasheet HTML 18Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 19Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 20Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 21Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 22Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 23Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 24Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 25Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 49 page
background image
H
(z)=
EVEN
å
NCOEFF
1
-
n=0
COEFF
(z
´
BASE_ADDR+ n
+z
)
-
-
´
-
-
n
(2
NCOEFF
1
n)
(13)
H
(z)=
ODD
å
NCOEFF
2
-
n=0
COEFF
(z
´
BASE_ADDR+ n
BASE_ADDR+ NCOEFF
1
-
+z
)+COEFF
-
-
´
-
-
-
n
(2
NCOEFF
2
n)
NCOEFF
1
z
´
(14)
H
(z)=
HALFBAND
å
NCOEFF
2
-
n=0
COEFF
(z
´
BASE_ADDR+ n
BASE_ADDR+ NCOEFF
1
-
+z
)+COEFF
z
´
-
-
´
-
-
´
-
2n
(4
NCOEFF
6
2n)
2
NCOEFF
3
H
(z)=
ARBITRARY
å
NCOEFF
1
-
n=0
COEFF
z
´
BASE_ADDR+ n
-n
(16)
GAIN
(z)=2
EVEN
´
-SHIFT
2 ´
å
NCOEFF
1
-
n=0
COEFF
BASE_ADDR+ n
2
1
-
15
(17)
GAIN
ODD
HALFBAND
=GAIN
=2
´
-SHIFT
2 ´
å
NCOEFF
2
-
n=0
COEFF
+COEFF
BASE_ADDR+ n
BASE_ADDR+ NCOEFF
1
-
2
1
-
15
(18)
GAIN
(z)=2
ARBITRARY
´
-SHIFT
å
NCOEFF
1
-
n=0
COEFF
BASE_ADDR+ n
2
1
-
15
(19)
AFE8220-Q1
SBAS455A – JANUARY 2009 – REVISED JULY 2009....................................................................................................................................................... www.ti.com
Extended-Length Filter Mode
If FIR2A or FIR2B cannot provide enough filter taps to achieve the desired frequency response, setting control bit
ddc0_interleave puts the two filters into an interleaved mode that doubles the length of the filter that can be
realized. However, there are several limitations:
1. Only odd symmetrical filters may be realized;
2. The filter length M must be such that (M + 1)/4 is an integer; and
3. Only one filter can be realized (in ddc_interleave mode the A and B outputs are identical: IB = IA and
QB = QA).
In addition to setting the ddc0_interleave bit, FIR2A must be set to EVEN mode and FIR2A must be set to ODD
mode. ddc0_fir2a_ncoeff and ddc0_fir2b_ncoeff are both set to (M + 1)/4. ddc0_fir2a_shift and ddc0_fir2b_shift
should be identical. There are no restrictions on ddc0_fir2a_base_addr or ddc0_fir2b_base_addr.
The M-tap filter has (M + 1)/2 unique coefficients. The first, third, fifth, etc. coefficients are loaded into the FIR2A
coefficient memory; the second, fourth, sixth, etc. coefficients are loaded into the FIR2B memory. The center
coefficients of the filter end up as the last coefficient loaded into FIR2B.
FIR Filter Transfer Functions
Equation 13 to Equation 21 show transfer functions and dc gain for the various filter modes. Generic names for
the control variables are used; just substitute the appropriate variable (that is, ddc0_fir2a_ncoeff for NCOEFF) as
necessary. Also, note that SHIFT has a value of 0 for FIR1.
Basic Filter Modes
(15)
22
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): AFE8220-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com