Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFE8220TPZPQ1 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # AFE8220TPZPQ1
Description  DUAL INTERMEDIATE FREQUENCY (IF) ANALOG FRONT END FOR DIGITAL RADIO
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE8220TPZPQ1 Datasheet(HTML) 14 Page - Texas Instruments

Back Button AFE8220TPZPQ1 Datasheet HTML 10Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 11Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 12Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 13Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 14Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 15Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 16Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 17Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
I2C Slave Interface
CS
SCK
MOSI
MISO
I STR
N
UCTION
DATA
CS
SCK
MOSI
MISO
INSTRUCTION
DATA[N]
DATA[N+1]
DATA[N+2]
AFE8220-Q1
SBAS455A – JANUARY 2009 – REVISED JULY 2009....................................................................................................................................................... www.ti.com
In all cases, the control interface is reset when CS goes high. If the final SCK is not received before CS goes
high, then the cycle ends prematurely. For a read cycle, data transfer terminates; for a write cycle, no data are
written to either a register or to memory.
The AFE8220 control interface can be configured to provide I2C slave operation. It has a 10-bit slave address of
00010010AB and complies with the Philips I2C specification. Note that address bits A and B are determined by
the state of the I2C address pins A1 and A0. The mapping of SPI pins to I2C pins is shown in Table 1.
Table 1. SPI/I2C Pin Mapping
CTRL_MODE = 0 (SPI)
CTRL_MODE = 1 (I2C)
Chip select (CS)
I2C address bit (A1)
Master out slave in (MOSI)
I2C address bit (A0)
Master in slave out (MISO)
Serial data line (SDA)
SPI clock (SCK)
Serial clock line (SCL)
The AFE8220 I2C interface supports both fast mode (400K bits/sec) and standard mode (100K bits/sec)
operation. However, if the master crystal frequency is less than 20 MHz, then only standard mode is supported.
Figure 7. SPI Control Interface Read Cycle
Figure 8. SPI Control Interface Block Read Cycle
As a reference, a typical data transfer on the I2C bus is described in Figure 9. Each data byte is eight bits long
and must be followed by an Acknowledge bit. Start and stop conditions are defined as a transition of the SDA
signal with SCL high. A pulse of the SCL clock signal indicates the transfer of data or an Acknowledge bit on the
SDA pin. The transmitting device drives SDA data during clock periods 1–8. The receiving device acknowledges
by driving SDA low during clock 9. Master devices always generate the SCL clock and initiate transactions. Refer
to the Philips I2C Bus Specification for further details.
The AFE8220 has 16-bit internal registers and operates on 16-bit instructions. Because the I2C interface is
inherently an 8-bit interface, special formats are required to send instructions and data between an I2C Master
and the AFE8220. The I2C Write Operation and I2C Read Operation sections describe these formats in detail.
14
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): AFE8220-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com