Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFE8220TPZPQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # AFE8220TPZPQ1
Description  DUAL INTERMEDIATE FREQUENCY (IF) ANALOG FRONT END FOR DIGITAL RADIO
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE8220TPZPQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button AFE8220TPZPQ1 Datasheet HTML 6Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 7Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 8Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 9Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 10Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 11Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 12Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 13Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
OUTPUT DATA INTERFACE
DCLK
DFSO
DOUTx
IA[15]
IA[14]
IA[13]
IA[12]
t
D1
t
D2
Output Data Interface Timing
SPI CONTROL INTERFACE
SCK
CS
MOSI
MISO
t
L
t
SU3
t
H3
t
T
t
I
t
D4
SPI Control Interface Timing
AFE8220-Q1
SBAS455A – JANUARY 2009 – REVISED JULY 2009....................................................................................................................................................... www.ti.com
Figure 1. Output Data Interface Timing
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tD1
DCLK to DFSO delay
–2.9
3.7
ns
tD2
DCLK to DOUTx delay
–3.1
3.8
ns
Figure 2. SPI Control Interface Timing
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
fSCK
Maximum SCK frequency
1
MHz
tL
CS lead time
Trailing CS to leading SCK
5.0
ns
tT
CS trail time
Trailing SCK to leading CS
5.0
ns
tI
CS idle time
Leading CS to trailing CS
5.0
ns
tSU3
MOSI to SCK setup time
5.0
ns
tH3
MOSI to SCK hold time
1.0
ns
tD4
SCK to MISO delay
1.0
10.4
ns
10
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): AFE8220-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com