Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXD3010VMS2R Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPXD3010VMS2R
Description  PXS30 Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD3010VMS2R Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPXD3010VMS2R Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 139 page
background image
Introduction
PXS30 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
3
Modules
Analog-to-Digital
Converter (ADC)
257 pin pkg: 4 × 12 bit (22 external channels)
473 pin pkg: 4 × 12 bit (up to 34 external channels)
CRC unit
2 (3 contexts each)
Cross Triggering Unit
(CTU)
2 modules
Serial Peripheral
Interface (SPI)
2 modules
(3 chip selects)
3 modules
(3 chip selects)
Digital I/Os
 16
DRAM Controller
(DRAMC)
No
Yes3
Enhanced Direct
Memory Access (eDMA)
2 modules, 32 channels each
eTimer
3 modules, 6 channels each
External Bus Interface
(EBI)
1 module3
16-bit Data + Address or 32-bit Data with Address bus muxed4
Fast Ethernet Controller
(FEC)
1 module
Fault Collection and
Control Unit (FCCU)
1 module
CAN
4 modules (32 message buffers each)
PWM
3 modules (each 4 × 3 channels)
FlexRay
Optional
I2C
2 modules
3 modules
Interrupt Controller
(INTC)
Yes (SoR)
UART/LIN
3 modules
4 modules
Parallel Data Interface
(PDI)
1 module4
Periodic Interrupt Timer
(PIT)
1 module, 4 channels
Software Watchdog
Timer (SWT)
Yes (SoR)
System Timer Module
(STM)
Yes (SoR)
Temperature sensor
1 module
Wakeup Unit (WKPU)
Yes
Crossbar switch (XBAR)
3 modules, 2 are user-configurable
Table 1. PXS30 Family Feature Set (continued)
Features
PXS3010
PXS3015
PXS3020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com