Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXD3010VMS2R Datasheet(PDF) 100 Page - Freescale Semiconductor, Inc

Part # MPXD3010VMS2R
Description  PXS30 Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD3010VMS2R Datasheet(HTML) 100 Page - Freescale Semiconductor, Inc

Back Button MPXD3010VMS2R Datasheet HTML 96Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 97Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 98Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 99Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 100Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 101Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 102Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 103Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 104Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 139 page
background image
PXS30 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
100
3.19.3
DRAM pads electrical specification (VDD_HV_DRAM = 1.8 V)
Table 53. DRAM pads AC electrical specifications (VDD_HV_DRAM = 2.5 V)
No.
Pad Name
Prop. Delay (ns)
L
 H/H  L1
NOTES:
1
L
 H signifies low-to-high propagation delay and H  L signifies high-to-low propagation delay.
Rise/Fall Edge (ns)
Drive
Load
(pF)
Drive/Slew
Rate Select
Min
Max
Min
Max
MSB, LSB
1
DRAM ACC
1.4/1.5
2.5/2.4
2.1/2.1
4.3/4.1
5
011
1.7/1.7
2.8/2.7
0.6/0.7
1.1/1.3
20
2
DRAM DQ
1.4/1.5
2.5/2.4
2.1/2.1
4.3/4.1
5
011
1.7/1.7
2.8/2.7
0.6/0.7
1.1/1.3
20
3
DRAM CLK
1.4/1.4
2.4/2.4
2.1/2.1
4.4/4.1
5
011
1.6/1.6
2.7/2.7
0.6/0.7
1.6/1.8
20
Table 54. DRAM pads DC electrical specifications (VDD_HV_DRAM = 1.8 V)
No.
Symbol
Parameter
Condition
Min
Max
Unit
1VDD_HV_DRAM
SR I/O supply voltage
—1.7
1.9
V
2VDD_HV_DRAM_VREF CC Input reference voltage
—
0.49 × VDD_HV_DRAM 0.51 × VDD_HV_DRAM
V
3VDD_HV_DRAM_VTT CC Termination voltage
1
NOTES:
1 BGA473: Termination voltage can be supplied via package pins. BGA257 Termination voltage internally tied as the
BGA257 does not provide DRAM interface. Disable ODT
—VDD_HV_DRAM_VREF
–0.04
VDD_HV_DRAM_VREF
+0.04
V
4VIH
CC Input high voltage
—VDD_HV_DRAM_VREF
+ 0.125
—
V
5VIL
CC Input low voltage
——
VDD_HV_DRAM_VREF
–0.125
V
6VOH
CC Output high voltage
ODT
enabled2
2 Termination voltage is supplied by VDD_HV_DRAM_VTT.
VDD_HV_DRAM_VTT
+0.81
—
V
ODT
disabled3
3 Tie V
DD_HV_DRAM_VTT to VSS and disable ODT
0.8 × VDD_HV_DRAM
—
V
7VOL
CC Output low voltage
ODT
enabled2
—VDD_HV_DRAM_VTT
–0.81
V
ODT
disabled3
—0.2 × VDD_HV_DRAM
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com