Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXD3010VMS2R Datasheet(PDF) 76 Page - Freescale Semiconductor, Inc

Part # MPXD3010VMS2R
Description  PXS30 Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD3010VMS2R Datasheet(HTML) 76 Page - Freescale Semiconductor, Inc

Back Button MPXD3010VMS2R Datasheet HTML 72Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 73Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 74Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 75Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 76Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 77Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 78Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 79Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 80Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 139 page
background image
PXS30 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
76
3.8
Power Management Controller (PMC) electrical characteristics
3.8.1
PMC electrical specifications
This section contains electrical characteristics for the PMC.
Table 16. Latch-up results
No.
Symbol
Parameter
Conditions
Class
1LU
CC
Static latch-up class
TA = 125 °C conforming to JESD 78
II level A
Table 17. PMC electrical specifications
No.
Symbol
Parameter
Min
Typ
Max
Unit
2
VDD_LV_COR CC Nominal VRC regulated 1.2 V output
VDD_HV_PMU
—1.28
—
V
3
PorC
CC POR rising VDD 1.2 V
• POR VDD variation
• POR 1.2 V hysteresis
—
PorC – 30%
—
0.7
PorC
75
—
PorC + 30%
—
V
V
mV
4LvdC
CC Nominal LVD 1.2 V
• LVD 1.2 V at reset (LVDCR)
• LVD 1.2 V variation at reset
• LVD 1.2 V variation after reset
• LVD 1.2 V hysteresis
—
—
LvdC – 3.5%
LvdC – 3%
10
1.1751
1.2151
LvdC1
LvdC1
15
NOTES:
1 Rising V
DD.
—
—
LvdC + 3.5%
LvdC + 3%
20
V
V
V
V
mV
5
HvdC
CC Nominal HVD 1.2 V
• HVD 1.2 V at reset (HVDCR)
• HVD 1.2 V variation at reset
• HVD 1.2 V variation after reset
• HVD 1.2 V hysteresis
—
—
HvdC – 3.5%
HvdC – 3%
10
1.321
1.441
HvdC1
HvdC1
15
—
—
HvdC + 3.5%
HvdC + 3%
20
V
V
V
mV
6
VddStepC
CC Trimming step LVD 1.2 V, HVD 1.2 V,
VRC 1.2 V
—5
—
mV
7
PorReg
CC POR rising on VDDREG
• POR VDDREG variation
• POR VDDREG hysteresis
—
PorReg–30%
—
2.00
PorReg
250
—
PorReg +30%
—
V
V
mV
8
LvdReg
CC Nominal rising LVD 3.3 V on VDDREG,
VDDIO, VDDFLASH, and VDDADC
• LVD 3.3 V variation at reset
• LVD 3.3 V variation after reset
• LVD 3.3 V hysteresis
• Minimum slew rate
• Maximum slew rate
—
LvdReg – 3.5%
LvdReg – 3%
—
—
—
2.865
LvdReg1
LvdReg1
30
50
25
—
LvdReg +3.5%
LvdReg +3%
—
—
—
V
V
V
mV
mV/ms
mV/µs
9
LvdStepReg CC Trimming step LVD 3.3 V
—30
—
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com