Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXD3010VMS2R Datasheet(PDF) 72 Page - Freescale Semiconductor, Inc

Part # MPXD3010VMS2R
Description  PXS30 Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD3010VMS2R Datasheet(HTML) 72 Page - Freescale Semiconductor, Inc

Back Button MPXD3010VMS2R Datasheet HTML 68Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 69Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 70Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 71Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 72Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 73Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 74Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 75Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 76Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 139 page
background image
PXS30 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
72
2VSS_HV_PMU
SR Voltage regulator supply ground
—0
0
V
3VDD_HV_IO
SR Input/output supply voltage
—3.0
3.6
V
4VSS_HV_IO
SR Input/output supply ground
—0
0
V
5VDD_HV_FLA
SR Flash supply voltage
—3.0
3.6
V
6VSS_HV_FLA
SR Flash supply ground
—0
0
V
7VDD_HV_OSC
SR Crystal oscillator amplifier supply voltage
—3.0
3.6
V
8VSS_HV_OSC
SR Crystal oscillator amplifier supply ground
—0
0
V
9VDD_HV_PDI
SR PDI interface supply voltage
—
1.62
3.6
V
10
VSS_HV_PDI
SR PDI interface supply ground
—0
0
V
11
VDD_HV_DRAM
SR DRAM interface supply voltage
—
1.62
3.6
V
12
VSS_HV_DRAM
SR DRAM interface supply ground
—0
0
V
13
VDD_HV_ADRx
SR ADCx high reference voltage
—3.0
3.6
V
Alternate input
voltage
4.5
5.5
14
VSS_HV_ADRx
SR ADCx low reference voltage
—0
0
V
15
VDD_HV_ADV
SR ADC supply voltage
—3.0
3.6
V
16
VSS_HV_ADV
SR ADC supply ground
—0
0
V
17
VDD_LV_COR
SR Core supply voltage digital logic2
External VREG
mode
1.14
1.32
V
17a
CC
Internal VREG
Mode
1.14
1.32
V
18
VSS_LV_COR
SR Core supply voltage ground digital logic
—0
0
V
19
VDD_LV_PLL
SR PLL supply voltage2
External VREG
mode
1.14
1.32
V
19a
CC
Internal VREG
Mode
1.14
1.32
V
20
VSS_LV_PLL
SR PLL reference voltage
—0
0
V
21
TA
SR Ambient temperature under bias3
257 MAPBGA
–40
1054
°C
473 MAPBGA
–40
125
°C
22
TJ
SR Junction temperature under bias
257 MAPBGA
–40
150
°C
473 MAPBGA
–40
150
NOTES:
1 These specifications are design targets and are subject to change per device characterization.
2 The jitter specifications for both PLLs holds true only up to 50 mV noise (peak to peak) on V
DD_LV_COR and
VDD_LV_PLL.
3 See Table 1 for available frequency and package options.
4 Preliminary data.
Table 12. Recommended operating conditions1 (continued)
No.
Symbol
Parameter
Conditions
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com