Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXD3010VMS2R Datasheet(PDF) 80 Page - Freescale Semiconductor, Inc

Part # MPXD3010VMS2R
Description  PXS30 Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD3010VMS2R Datasheet(HTML) 80 Page - Freescale Semiconductor, Inc

Back Button MPXD3010VMS2R Datasheet HTML 76Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 77Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 78Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 79Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 80Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 81Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 82Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 83Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 84Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 139 page
background image
PXS30 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
80
tLOCK
P Lock time
Stable oscillator (fPLLIN = 4 MHz),
stable VDD
—
—
200
µs
tlpll
D FMPLL lock time 5, 6
——
—
TBD
s
tdc
D Duty cycle of reference
—40
—
60
%
CJITTER
T CLKOUT period jitter7,8,9,10
Peak-to-peak (clock edge to clock
edge), fSYS maximum
TBD
—
TBD
ps
Long-term jitter (avg. over 2 ms
interval), fSYS maximum
TBD
—
TBD
ns
t
PKJIT
T Single period jitter (peak to peak) PHI @ 16 MHz,
Input clock @ 4 MHz
——
±500
ps
t
LTJIT
T Long term jitter
PHI @ 16 MHz,
Input clock @ 4 MHz
——
±6
ns
fLCK
D Frequency LOCK range
—
TBD
—
TBD
%
fsys
fUL
D Frequency un-LOCK range
—
TBD
—
TBD
%
fsys
fCS
fDS
D Modulation Depth
Center spread
TBD
—
TBD
%
fsys
Down Spread
TBD
—
TBD
fMOD
D Modulation frequency11
—
TBD
—
TBD
kHz
NOTES:
1 Considering operation with FMPLL not bypassed.
2 “Loss of Reference Frequency” window is the reference frequency range outside of which the FMPLL is in self
clocked mode.
3 Self clocked mode frequency is the frequency that the FMPLL operates at when the reference frequency falls
outside the fLOR window.
4 f
VCO is the frequency at the output of the VCO; its range is 256–512 MHz.
fSCM is the self-clocked mode frequency (free running frequency); its range is 20–150 MHz.
fSYS =fVCOODF
5 This value is determined by the crystal manufacturer and board design. For 4 MHz to 20 MHz crystals specified for
this FMPLL, load capacitors should not exceed these limits.
6 This specification applies to the period required for the FMPLL to relock after changing the MFD frequency control
bits in the synthesizer control register (SYNCR).
7 This value is determined by the crystal manufacturer and board design.
8 Jitter is the average deviation from the programmed frequency measured over the specified interval at maximum
fSYS. Measurements are made with the device powered by filtered supplies and clocked by a stable external clock
signal. Noise injected into the FMPLL circuitry via VDDPLL and VSSPLL and variation in crystal oscillator frequency
increase the CJITTER percentage for a given interval.
9 Proper PC board layout procedures must be followed to achieve specifications.
10 Values are with frequency modulation disabled. If frequency modulation is enabled, jitter is the sum of C
JITTER and
either fCS or fDS (depending on whether center spread or down spread modulation is enabled).
11 Modulation depth is attenuated from depth setting when operating at modulation frequencies above 50 kHz.
Table 22. FMPLL electrical characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com