Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXD3010VMS2R Datasheet(PDF) 88 Page - Freescale Semiconductor, Inc

Part # MPXD3010VMS2R
Description  PXS30 Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD3010VMS2R Datasheet(HTML) 88 Page - Freescale Semiconductor, Inc

Back Button MPXD3010VMS2R Datasheet HTML 84Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 85Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 86Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 87Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 88Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 89Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 90Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 91Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 92Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 139 page
background image
PXS30 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
88
3.15.2
Read access timing
3.15.3
Write access timing
Table 27. Flash module life
No.
Symbol
Parameter
Condition
Value
Unit
Min
Typ1
NOTES:
1 Typical endurance is evaluated at 25 oC. Product qualification is performed to the minimum specification. For
additional information on the Freescale definition of Typical Endurance, please refer to Engineering Bulletin EB619,
Typical Endurance for Nonvolatile Memory.
Max
1a
P/E
CC Number of program/erase
cycles per block for over the
operating temperature range
(TJ)
16 KB blocks
100,000
—
—
cycles
1b
32 KB and 64 KB blocks
10,000 100,000
—
cycles
1c
128 KB blocks
1,000
100,000
—
cycles
2
Retention CC Minimum data retention at
85 °C average ambient
temperature2
2 Ambient temperature averaged over duration of application, not to exceed product operating temperature range.
Blocks with 0–1,000
P/E cycles
20
—
—
years
Blocks with 1,001–10,000
P/E cycles
10
—
—
years
Blocks with 10,001–100,000
P/E cycles
5—
—
years
Table 28. Code flash read access timing
No.
Symbol
Parameter
Condition
Value
Unit
Max
2fREAD
CC Maximum frequency for Flash reading
(system clock frequency SYS_CLK)
4 wait states
90
MHz
3
3 wait states
60
MHz
Table 29. Data flash read access timing
No.
Symbol
Parameter
Condition
Value
Unit
Max
2fREAD
CC Maximum frequency for Flash reading
(system clock frequency SYS_CLK)
12 wait states
90
MHz
3
8 wait states
60
MHz
Table 30. Code flash write access timing
No.
Symbol
Parameter
Condition
Value
Unit
Max
2fWRITE
CC Maximum frequency for Flash writing
(system clock frequency SYS_CLK)
TBD
90
MHz
3
TBD
60
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com