Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXD3010VMS2R Datasheet(PDF) 94 Page - Freescale Semiconductor, Inc

Part # MPXD3010VMS2R
Description  PXS30 Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD3010VMS2R Datasheet(HTML) 94 Page - Freescale Semiconductor, Inc

Back Button MPXD3010VMS2R Datasheet HTML 90Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 91Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 92Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 93Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 94Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 95Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 96Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 97Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 98Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 139 page
background image
PXS30 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
94
3VIH_C
CC CMOS input buffer high voltage (hysteresis
disabled)
0.54 × VDD_HV_PDI VDD_HV_PDI +0.3
V
4VIL_C
CC CMOS input buffer low voltage (hysteresis
enabled)
Vss – 0.3
0.35 × VDD_HV_PDI
V
5VIL_C
CC CMOS input buffer low voltage (hysteresis
disabled)
Vss – 0.3
0.42 × VDD_HV_PDI
V
6VHYS_C
CC CMOS input buffer hysteresis
0.1 × VDD_HV_PDI
V
7IACT_S
CC Selectable weak pullup/pulldown current1
25
150
µA
9VOH
CC Output high voltage
0.8 × VDD_HV_PDI
—V
10
VOL
CC Output low voltage
—0.2 × VDD_HV_PDI
V
Table 41. Drive Current @ VDD_HV_PDI = 2.5 V (±10%)
Pad
Drive Mode
Minimum IOH (mA)
1
NOTES:
1 I
OH is defined as the current sourced by the pad to drive the output to VOH.
Minimum IOL (mA)
2
2 I
OL is defined as the current sunk by the pad to drive the output to VOL. PDI
PDI Fast
All
51.5
111
PDI Medium
All
52.6
78.1
Table 42. PDI pads AC electrical specifications (VDD_HV_PDI = 2.5 V)
No.
Name
Prop. Delay (ns)
L
 H/H  L1
Rise/Fall Edge (ns)
Drive Load
(pF)
Drive/Slew
Rate Select
Min
Max
Min
Max
MSB, LSB
1
PDI Medium
0.8/0.7
--------
1.1/1.08
4.5/4
1.3/1
—
50
11
9/7
4.8/3.2
200
34/19
10.5/7.9
50
10
44/26
16.3/12
200
70/38
21/16
50
01
83/45
28/20
200
491/254
142/115
50
00
528/279
154/122
200
Table 40. PDI pads DC electrical specifications (VDD_HV_PDI = 2.5 V) (continued)
No.
Symbol
Parameter
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com