Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXD3010VMS2R Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

Part # MPXD3010VMS2R
Description  PXS30 Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD3010VMS2R Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button MPXD3010VMS2R Datasheet HTML 75Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 76Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 77Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 78Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 79Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 80Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 81Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 82Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 83Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 139 page
background image
Electrical characteristics
PXS30 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
79
3.11
Main oscillator electrical characteristics
The PXS30 provides an oscillator/resonator driver.
×
3.12
FMPLL electrical characteristics
2TS
D Minimum sampling period
—
4
—
µs
Table 21. Main oscillator electrical characteristics
No.
Symbol
Parameter
Conditions1
NOTES:
1 V
DD = 3.0 V to 3.6 V, TJ = –40 to 150 °C, unless otherwise specified.
Value
Unit
Min
Typ
Max
1FXOSCHS
SR Oscillator frequency
—
4.0
—
40.0
MHz
2TXOSCHSSU CC Oscillator start-up time fOSC = 4 MHz to 40 MHz
—TBD
TBD
µs
3VIH
SR Input high level CMOS
Schmitt Trigger
Oscillator bypass mode
0.65 × VDD
—VDD +0.4
V
4VIL
SR Input low level CMOS
Schmitt Trigger
Oscillator bypass mode
–0.4
—
0.35 × VDD
V
Table 22. FMPLL electrical characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fREF_CRYSTAL
fREF_EXT
D FMPLL reference frequency
range1
Crystal reference
TBD
—
TBD
MHz
fPLL_IN
D Phase detector input frequency
range (after pre-divider)
—
TBD
—
TBD
MHz
fFMPLLOUT D Clock frequency range in normal
mode
See Chapter 30,
“Frequency-Modulated
Phase-Locked Loop (FMPLL),” in
the PXS30 Reference Manual
(PXS30RM) for more details on
PLL configuration.
16
—
256
MHz
fFREE
P Free running frequency
Measured using clock division
(typically
16)
TBD
—
TBD
MHz
fsys
D On-chip FMPLL frequency2
—
TBD
—
TBD
MHz
tCYC
D System clock period
—
—
—
1 / fsys
ns
fLORL
fLORH
D Loss of reference frequency
window2
Lower limit
TBD
—
TBD
MHz
Upper limit
TBD
—
TBD
fSCM
D Self-clocked mode frequency3,4
—
TBD
—
TBD
MHz
Table 20. Temperature sensor electrical characteristics (continued)
Symbol
Parameter
Conditions
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com