Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXD3010VMS2R Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MPXD3010VMS2R
Description  PXS30 Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD3010VMS2R Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MPXD3010VMS2R Datasheet HTML 11Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 12Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 13Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 14Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 15Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 16Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 17Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 18Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 139 page
background image
Introduction
PXS30 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
15
— External ADC input, taking into account values set in ADC high and low limit registers
•
DMA support
1.5.20.2
Cross Triggering Unit (CTU)
The CTU provides automatic generation of ADC conversion requests on user selected conditions without
CPU load during the PWM period and with minimized CPU load for dynamic configuration.
The CTU implements the following features:
•
Cross triggering between ADC, FlexPWM, eTimer, and external pins
•
Double-buffered trigger generation unit with as many as eight independent triggers generated from
external triggers
•
Maximum operating frequency lower than or equal to platform
•
Trigger generation unit configurable in sequential mode or in triggered mode
•
Trigger delay unit to compensate the delay of external low-pass filter
•
Double-buffered global trigger unit allowing eTimer synchronization and/or ADC command
generation
•
Double-buffered ADC command list pointers to minimize ADC-trigger unit update
•
Double-buffered ADC conversion command list with as many as twenty-four ADC commands
•
Each trigger has the capability to generate consecutive commands
•
ADC conversion command allows controlling ADC channel from each ADC, single or
synchronous sampling, independent result queue selection
•
DMA support with safety features
1.5.20.3
Analog-to-Digital Converter (ADC)
•
Four independent ADCs with 12-bit A/D resolution
•
Common mode conversion range of 0–5 V or 0–3.3 V
•
Twenty-two single-ended input channels
•
Supports eight FIFO queues with fixed priority
•
Queue modes with priority-based preemption; initiated by software command, internal, or external
triggers
•
DMA and interrupt request support
1.5.20.4
eTimer module
Three 16-bit general purpose up/down timer/counters per module are implemented with the following
features:
•
Ability to operate up to platform frequency
•
Individual channel capability
— Input capture trigger
— Output compare



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com