Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXD3010VMS2R Datasheet(PDF) 70 Page - Freescale Semiconductor, Inc

Part # MPXD3010VMS2R
Description  PXS30 Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD3010VMS2R Datasheet(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button MPXD3010VMS2R Datasheet HTML 66Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 67Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 68Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 69Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 70Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 71Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 72Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 73Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 74Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 139 page
background image
PXS30 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
70
3
Electrical characteristics
3.1
Introduction
This section contains detailed information on power considerations, DC/AC electrical characteristics, and
AC timing specifications for this device.
The “Symbol” column of the electrical parameter and timings tables may contain an additional column
containing “SR”, “CC”, “P”, “C”, “T” or “D”.
•
“SR” identifies system requirements—conditions that must be provided to ensure normal device
operation. An example is the input voltage of a voltage regulator.
•
“CC” identifies specifications that define normal device operation. Where available, the letters
“P”, “C”, “T” or “D” replace the letter “CC” and apply to these controller characteristics. They
specify how each characteristic is guaranteed.
— P: parameter is guaranteed by production testing of each individual device.
— C: parameter is guaranteed by design characterization. Measurements are taken from a
statistically relevant sample size across process variations.
— T: parameter is guaranteed by design characterization on a small sample size from typical
devices under typical conditions unless otherwise noted. All values are shown in the typical
(“typ”) column are within this category.
— D: parameters are derived mainly from simulations.
3.2
Absolute maximum ratings
Table 11. Absolute maximum ratings1
No.
Symbol
Parameter
Conditions
Min
Max2
Unit
1VDD_HV_PMU
SR Voltage regulator supply voltage
—–0.3
5.53
V
2VSS_HV_PMU
SR Voltage regulator supply ground
—–0.1
0.1
V
3VDD_HV_IO
SR Input/output supply voltage
—–0.3
3.64,5
V
4VSS_HV_IO
SR Input/output supply ground
—–0.1
0.1
V
5VDD_HV_FLA
SR Flash supply voltage
—–0.3
3.64,5
V
6VSS_HV_FLA
SR Flash supply ground
—–0.1
0.1
V
7VDD_HV_OSC
SR Crystal oscillator amplifier supply voltage
—–0.3
3.64,5
V
8VSS_HV_OSC
SR Crystal oscillator amplifier supply ground
—–0.1
0.1
V
9VDD_HV_PDI
SR PDI interface supply voltage
—–0.3
3.64,5
V
10
VSS_HV_PDI
SR PDI interface supply ground
—–0.1
0.1
V
11
VDD_HV_DRAM
SR DRAM interface supply voltage
—–0.3
3.64,5
V
12
VSS_HV_DRAM
SR DRAM interface supply ground
—–0.1
0.1
V
13
VDD_HV_ADRx
6
SR ADCx high reference voltage
—–0.3
6.0
V
14
VSS_HV_ADRx
SR ADCx low reference voltage
—–0.1
0.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com