Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXD3010VMS2R Datasheet(PDF) 96 Page - Freescale Semiconductor, Inc

Part # MPXD3010VMS2R
Description  PXS30 Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD3010VMS2R Datasheet(HTML) 96 Page - Freescale Semiconductor, Inc

Back Button MPXD3010VMS2R Datasheet HTML 92Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 93Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 94Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 95Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 96Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 97Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 98Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 99Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 100Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 139 page
background image
PXS30 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
96
3.19
DRAM pad specifications
This section specifies the electrical characteristics of the DRAM pads. Please refer to the tables in
Section 2.2, Pin descriptions,” for a cross reference between package pins and pad types.
DRAM pads feature list:
•
Driver
— Configurable to support LPDDR half strength, LPDDR full strength, DDR1, DDR2 half
strength, DDR2 full strength, and SDR modes.
— VDD_HV_DRAM Range of
– 1.8 V nominal
– 2.5 V nominal
– 3.3 V nominal
•
Receiver
— Differential or pseudo-differential input buffer in all DRAM pads
Table 45. PDI pads AC electrical specifications (VDD_HV_PDI = 1.8 V)
No.
Name
Prop. Delay (ns)
L
 H/H  L1
NOTES:
1
L
 H signifies low-to-high propagation delay and H  L signifies high-to-low propagation delay.
Rise/Fall Edge
(ns)
Drive Load
(pF)
Drive/Slew
Rate Select
Min
Max
Min
Max
MSB, LSB
1
PDI Medium
—
5.5/3.5
2/1
—
50
11
12/5.5
7.2/2.3
200
49/17
13/6
50
10
60/23
21/9.2
200
102/32
26/12
50
01
119/39
35/16
200
722/216
172/85
50
00
772/237
191/90
200
2
PDI Fast
—
10/10
2/2
—
50
11
15/15
6.2/6.2
200
15/15
4.5/4.5
50
10
22/22
7.1/7.1
200
24/24
7.5/7.5
50
01
33/33
12/12
200
66/66
24/24
50
00
84/84
31/31
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com