Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXD3010VMS2R Datasheet(PDF) 102 Page - Freescale Semiconductor, Inc

Part # MPXD3010VMS2R
Description  PXS30 Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD3010VMS2R Datasheet(HTML) 102 Page - Freescale Semiconductor, Inc

Back Button MPXD3010VMS2R Datasheet HTML 98Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 99Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 100Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 101Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 102Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 103Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 104Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 105Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 106Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 139 page
background image
PXS30 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
102
3.20
RESET characteristics
3.20.1
RESET pin characteristics
3.21
Reset sequence
This section shows the duration for different reset sequences. It describes the different reset sequences and
it specifies the start conditions and the end indication for the reset sequences depending on internal or
external VREG mode.
2
DRAM DQ
1.4/1.4
2.4/2.4
0.6/1.0
2.7/2.6
5
000
1.7/1.7
2.8/2.7
0.2/0.4
0.5/0.6
20
1.4/1.5
2.4/2.5
1.1/1.1
3.0/2.7
5
001
1.7/1.7
2.8/2.8
0.4/0.4
0.7/0.7
20
1.4/1.5
2.4/2.4
1.0/1.1
2.9/2.7
5
010
1.7/1.7
2.8/2.7
0.3/0.4
0.6/0.7
20
1.4/1.5
2.5/2.5
1.5/1.1
3.1/2.6
5
110
1.7/1.8
2.8/2.8
0.4/0.4
0.7/0.6
20
3
DRAM CLK
1.4/1.4
2.4/2.4
0.4/0.6
2.7/2.7
5
000
1.6/1.6
2.7/2.7
0.7/0.9
1.8/3.4
20
1.4/1.4
2.4/2.4
1.1/1.1
3.0/2.8
5
001
1.7/1.7
2.7/2.7
0.3/0.4
1.0/1.1
20
1.4/1.4
2.4/2.4
0.9/1.1
3.0/2.8
5
010
1.6/1.6
2.7/2.7
0.3/0.4
0.9/1.0
20
1.4/1.4
2.5/2.5
1.5/1.2
3.2/2.6
5
110
1.7/1.7
2.7/2.7
0.4/0.4
1.1/1.2
20
NOTES:
1
L
 H signifies low-to-high propagation delay and H  L signifies high-to-low propagation delay.
Table 57. RESET pin characteristics
No.
Symbol
Parameter
Conditions
Min
Max
Unit
1WFRST
SR RESET pulse is sure to be filtered
——
70
ns
2WNFRST
SR RESET pulse is sure not to be filtered
—
400
—
ns
Table 56. DRAM pads AC electrical specifications (VDD_HV_DRAM (continued) = 1.8 V)
No.
Pad Name
Prop. Delay (ns)
L
 H/H  L1
Rise/Fall Edge
(ns)
Drive Load
(pF)
Drive/Slew
Rate Select
Min
Max
Min
Max
MSB, LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com