Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXD3010VMS2R Datasheet(PDF) 115 Page - Freescale Semiconductor, Inc

Part # MPXD3010VMS2R
Description  PXS30 Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD3010VMS2R Datasheet(HTML) 115 Page - Freescale Semiconductor, Inc

Back Button MPXD3010VMS2R Datasheet HTML 111Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 112Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 113Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 114Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 115Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 116Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 117Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 118Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 119Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 139 page
background image
Electrical characteristics
PXS30 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
115
Figure 38. Nexus output timing
3.22.4
External interrupt timing (IRQ pins)
NOTES:
1 JTAG specifications in this table apply when used for debug functionality. All Nexus timing relative to MCKO is
measured from 50% of MCKO and 50% of the respective signal.
2 MDO, MSEO, and EVTO data is held valid until next MCKO low cycle.
3 The system clock frequency needs to be three times faster than the TCK frequency.
Table 64. External interrupt timing (NMI IRQ)
No.
Symbol
Parameter
Conditions
Min Max Unit
1tIPWL
SR IRQ pulse width low
—TBD
—
ns
2tIPWH
SR IRQ pulse width high
—TBD
—
ns
3tICYC
SR IRQ edge to edge time1
NOTES:
1 Applies when IRQ pins are configured for rising edge or falling edge events, but not both.
—TBD
—
ns
Table 65. External interrupt timing (GPIO IRQ)
No.
Symbol
Parameter
Conditions
Min Max Unit
1tIPWL
SR IRQ pulse width low
—TBD
—
ns
2tIPWH
SR IRQ pulse width high
—TBD
—
ns
3tICYC
SR IRQ edge to edge time1
NOTES:
1 Applies when IRQ pins are configured for rising edge or falling edge events, but not both.
—TBD
—
ns
1
2
MCKO
MDO
MSEO
EVTO
Output Data Valid
3
EVTI
4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com