Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY8C58LP Datasheet(PDF) 43 Page - Cypress Semiconductor

Part # CY8C58LP
Description  Programmable System-on-Chip (PSoC짰)
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C58LP Datasheet(HTML) 43 Page - Cypress Semiconductor

Back Button CY8C58LP Datasheet HTML 39Page - Cypress Semiconductor CY8C58LP Datasheet HTML 40Page - Cypress Semiconductor CY8C58LP Datasheet HTML 41Page - Cypress Semiconductor CY8C58LP Datasheet HTML 42Page - Cypress Semiconductor CY8C58LP Datasheet HTML 43Page - Cypress Semiconductor CY8C58LP Datasheet HTML 44Page - Cypress Semiconductor CY8C58LP Datasheet HTML 45Page - Cypress Semiconductor CY8C58LP Datasheet HTML 46Page - Cypress Semiconductor CY8C58LP Datasheet HTML 47Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 122 page
background image
PRELIMINARY
PSoC® 5LP: CY8C58LP Family
Datasheet
Document Number: 001-84932 Rev. **
Page 43 of 122
7.5 CAN
The CAN peripheral is a fully functional Controller Area Network
(CAN) supporting communication baud rates up to 1 Mbps. The
CAN controller implements the CAN2.0A and CAN2.0B
specifications as defined in the Bosch specification and
conforms to the ISO-11898-1 standard. The CAN protocol was
originally designed for automotive applications with a focus on a
high level of fault detection. This ensures high communication
reliability at a low cost. Because of its success in automotive
applications, CAN is used as a standard communication protocol
for motion oriented machine control networks (CANOpen) and
factory automation applications (DeviceNet). The CAN controller
features allow the efficient implementation of higher level
protocols
without
affecting
the
performance
of
the
microcontroller CPU. Full configuration support is provided in
PSoC Creator.
Figure 7-14. CAN Bus System Implementation
7.5.1 CAN Features
■ CAN2.0A/B protocol implementation - ISO 11898 compliant
❐ Standard and extended frames with up to 8 bytes of data per
frame
❐ Message filter capabilities
❐ Remote Transmission Request (RTR) support
❐ Programmable bit rate up to 1 Mbps
■ Listen Only mode
■ SW readable error counter and indicator
■ Sleep mode: Wake the device from sleep with activity on the
Rx pin
■ Supports two or three wire interface to external transceiver (Tx,
Rx, and Enable). The three-wire interface is compatible with
the Philips PHY; the PHY is not included on-chip. The three
wires can be routed to any I/O
■ Enhanced interrupt controller
❐ CAN receive and transmit buffers status
❐ CAN controller error status including BusOff
■ Receive path
❐ 16 receive buffers each with its own message filter
❐ Enhanced hardware message filter implementation that
covers the ID, IDE and RTR
❐ DeviceNet addressing support
❐ Multiple receive buffers linkable to build a larger receive
message array
❐ Automatic transmission request (RTR) response handler
❐ Lost received message notification
■ Transmit path
❐ Eight transmit buffers
❐ Programmable transmit priority
❐ Round robin
❐ Fixed priority
❐ Message transmissions abort capability
7.5.2 Software Tools Support
CAN Controller configuration integrated into PSoC Creator:
■ CAN Configuration walkthrough with bit timing analyzer
■ Receive filter setup
CAN Node 1
PSoC
CAN Controller
CAN Transceiver
Tx Rx
En
CAN Node 2
CAN Node n
CAN_H
CAN_L
CAN_H
CAN_L
CAN_H
CAN_L
CAN
Drivers
CAN Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com