Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY8C58LP Datasheet(PDF) 30 Page - Cypress Semiconductor

Part # CY8C58LP
Description  Programmable System-on-Chip (PSoC짰)
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C58LP Datasheet(HTML) 30 Page - Cypress Semiconductor

Back Button CY8C58LP Datasheet HTML 26Page - Cypress Semiconductor CY8C58LP Datasheet HTML 27Page - Cypress Semiconductor CY8C58LP Datasheet HTML 28Page - Cypress Semiconductor CY8C58LP Datasheet HTML 29Page - Cypress Semiconductor CY8C58LP Datasheet HTML 30Page - Cypress Semiconductor CY8C58LP Datasheet HTML 31Page - Cypress Semiconductor CY8C58LP Datasheet HTML 32Page - Cypress Semiconductor CY8C58LP Datasheet HTML 33Page - Cypress Semiconductor CY8C58LP Datasheet HTML 34Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 122 page
background image
PRELIMINARY
PSoC® 5LP: CY8C58LP Family
Datasheet
Document Number: 001-84932 Rev. **
Page 30 of 122
■ Additional features only provided on SIO pins:
❐ Higher drive strength than GPIO
❐ Hot swap capability (5 V tolerance at any operating VDD)
❐ Programmable and regulated high input and output drive
levels down to 1.2 V
❐ No analog input, CapSense, or LCD capability
❐ Over voltage tolerance up to 5.5 V
❐ SIO can act as a general purpose analog comparator
■ USBIO features:
❐ Full speed USB 2.0 compliant I/O
❐ Highest drive strength for general purpose use
❐ Input, output, or both for CPU and DMA
❐ Input, output, or both for digital peripherals
❐ Digital output (CMOS) drive mode
❐ Each pin can be an interrupt source configured as rising
edge, falling edge, or both edges
Figure 6-8. GPIO Block Diagram
Drive
Logic
PRT[x]DM0
PRT[x]DR
PIN
Digital Output Path
Digital Input Path
PRT[x]SLW
LCD
Logic & MUX
PRT[x]DM1
PRT[x]DM2
PRT[x]LCD_EN
PRT[x]LCD_COM_SEG
Analog
Analog Mux
Analog Global
Digital System Output
0
1
PRT[x]BYP
PRT[x]BIE
Bidirectional Control
Capsense Global Control
Switches
Pin Interrupt Signal
Digital System Input
PRT[x]PS
PRT[x]CTL
Input Buffer Disable
Display
Data
Interrupt
Logic
PICU[x]INTTYPE[y]
PICU[x]INTSTAT
Vddio
Vddio Vddio
Slew
Cntl
LCD Bias Bus
5
PRT[x]AMUX
PRT[x]AG
1
CAPS[x]CFG1
OE
In
PRT[x]SYNC_OUT
PRT[x]DBL_SYNC_IN
PICU[x]INTSTAT
Naming Convention
‘x’ = Port Number
‘y’ = Pin Number
0
1
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com