Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY8C58LP Datasheet(PDF) 68 Page - Cypress Semiconductor

Part # CY8C58LP
Description  Programmable System-on-Chip (PSoC짰)
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C58LP Datasheet(HTML) 68 Page - Cypress Semiconductor

Back Button CY8C58LP Datasheet HTML 64Page - Cypress Semiconductor CY8C58LP Datasheet HTML 65Page - Cypress Semiconductor CY8C58LP Datasheet HTML 66Page - Cypress Semiconductor CY8C58LP Datasheet HTML 67Page - Cypress Semiconductor CY8C58LP Datasheet HTML 68Page - Cypress Semiconductor CY8C58LP Datasheet HTML 69Page - Cypress Semiconductor CY8C58LP Datasheet HTML 70Page - Cypress Semiconductor CY8C58LP Datasheet HTML 71Page - Cypress Semiconductor CY8C58LP Datasheet HTML 72Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 122 page
background image
PRELIMINARY
PSoC® 5LP: CY8C58LP Family
Datasheet
Document Number: 001-84932 Rev. **
Page 68 of 122
Figure 11-5. Efficiency vs IOUT VBOOST = 3.3 V,
LBOOST = 10 µH
[28]
Figure 11-6. Efficiency vs IOUT VBOOST = 3.3 V,
LBOOST = 22 µH[28]
Table 11-7. Inductive Boost Regulator AC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
VRIPPLE
Ripple voltage,
peak-to-peak[27]
LBOOST = 10 μH, CBOOST = 22 μF || 0.1 μF, 2 <
VBAT:VOUT
≤ 4, Iout = 10 mA
–
–
100
mV
Table 11-8. Recommended External Components for Boost Circuit
Parameter
Description
Conditions
Min
Typ
Max
Units
LBOOST
Boost inductor
4.7
10
22
µH
CBOOST
Filter capacitor[27]
LBOOST = 4.7 µH
–
10
–
µF
LBOOST = 10 µH
–
22
–
µF
LBOOST = 22 µH
–
22
–
µF
IF
External Schottky diode
average forward current
1–
–
A
VR
20
–
–
V
Notes
27. Based on device characterization (Not production tested).
28. Typical example. Actual efficiency may vary depending on external component selection, PCB layout, and other design parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com