Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY8C58LP Datasheet(PDF) 80 Page - Cypress Semiconductor

Part # CY8C58LP
Description  Programmable System-on-Chip (PSoC짰)
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C58LP Datasheet(HTML) 80 Page - Cypress Semiconductor

Back Button CY8C58LP Datasheet HTML 76Page - Cypress Semiconductor CY8C58LP Datasheet HTML 77Page - Cypress Semiconductor CY8C58LP Datasheet HTML 78Page - Cypress Semiconductor CY8C58LP Datasheet HTML 79Page - Cypress Semiconductor CY8C58LP Datasheet HTML 80Page - Cypress Semiconductor CY8C58LP Datasheet HTML 81Page - Cypress Semiconductor CY8C58LP Datasheet HTML 82Page - Cypress Semiconductor CY8C58LP Datasheet HTML 83Page - Cypress Semiconductor CY8C58LP Datasheet HTML 84Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 122 page
background image
PRELIMINARY
PSoC® 5LP: CY8C58LP Family
Datasheet
Document Number: 001-84932 Rev. **
Page 80 of 122
11.5.2 Delta-Sigma ADC
Unless otherwise specified, operating conditions are:
■ Operation in continuous sample mode
■ fclk = 3.072 MHz for resolution = 16 to 20 bits; fclk = 6.144 MHz for resolution = 8 to 15 bits
■ Reference = 1.024 V internal reference bypassed on P3.2 or P0.3
■ Unless otherwise specified, all charts and graphs show typical values
Notes
40. Based on device characterization (not production tested).
41. By using switched capacitors at the ADC input an effective input resistance is created. Holding the gain and number of bits constant, the resistance is proportional
to the inverse of the clock frequency. This value is calculated, not measured. For more information see the Technical Reference Manual.
Table 11-20. 20-bit Delta-sigma ADC DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Resolution
8
–
20
bits
Number of channels, single ended
–
–
No. of
GPIO
–
Number of channels, differential
Differential pair is formed using a
pair of GPIOs.
––
No. of
GPIO/2
–
Monotonic
Yes
–
–
–
–
Ge
Gain error
Buffered, buffer gain = 1, Range =
±1.024 V, 16-bit mode, 25 °C
––
±0.4
%
Gd
Gain drift
Buffered, buffer gain = 1, Range =
±1.024 V, 16-bit mode
––
50
ppm/°C
Vos
Input offset voltage
Buffered, 16-bit mode, full voltage
range, 25 °C
––
±0.2
mV
Buffered, 16-bit mode, VDDA = 1.7 V,
25 °C
––
±0.1
mV
TCVos
Temperature coefficient, input offset
voltage
Buffer gain = 1, 16-bit,
Range = ±1.024 V
–
–
0.55
µV/°C
Input voltage range, single ended[40]
VSSA
–VDDA
V
Input voltage range, differential unbuf-
fered[40]
VSSA
–VDDA
V
Input voltage range, differential,
buffered[40]
VSSA
–VDDA – 1
V
PSRRb
Power supply rejection ratio, buffered[40]
Buffer gain = 1, 16-bit,
Range = ±1.024 V
90
–
–
dB
CMRRb
Common mode rejection ratio, buffered[40] Buffer gain = 1, 16 bit,
Range = ±1.024 V
85
–
–
dB
INL20
Integral non linearity[40]
Range = ±1.024 V, unbuffered
–
–
±32
LSB
DNL20
Differential non linearity[40]
Range = ±1.024 V, unbuffered
–
–
±1
LSB
INL16
Integral non linearity[40]
Range = ±1.024 V, unbuffered
–
–
±2
LSB
DNL16
Differential non linearity[40]
Range = ±1.024 V, unbuffered
–
–
±1
LSB
INL12
Integral non linearity[40]
Range = ±1.024 V, unbuffered
–
–
±1
LSB
DNL12
Differential non linearity[40]
Range = ±1.024 V, unbuffered
–
–
±1
LSB
INL8
Integral non linearity[40]
Range = ±1.024 V, unbuffered
–
–
±1
LSB
DNL8
Differential non linearity[40]
Range = ±1.024 V, unbuffered
–
–
±1
LSB
Rin_Buff
ADC input resistance
Input buffer used
10
–
–
M
Ω
Rin_ADC16 ADC input resistance
Input buffer bypassed, 16-bit,
Range = ±1.024 V
–74[41]
–k
Ω
Rin_ADC12 ADC input resistance
Input buffer bypassed, 12 bit,
Range = ±1.024 V
–148[41]
–k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com