Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LCMXO2-1200ZE-3TG144C Datasheet(PDF) 34 Page - Lattice Semiconductor

Part # LCMXO2-1200ZE-3TG144C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-1200ZE-3TG144C Datasheet(HTML) 34 Page - Lattice Semiconductor

Back Button LCMXO2-1200ZE-3TG144C Datasheet HTML 30Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 31Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 32Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 33Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 34Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 35Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 36Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 37Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 38Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 106 page
background image
2-30
Architecture
MachXO2 Family Data Sheet
There are some limitations on the use of the hardened user SPI. These are defined in the following technical notes:
• TN1087, Minimizing System Interruption During Configuration Using TransFR Technology (Appendix B)
• TN1205, Using User Flash Memory and Hardened Control Functions in MachXO2 Devices
Figure 2-22. SPI Core Block Diagram
Table 2-16 describes the signals interfacing with the SPI cores.
Table 2-16. SPI Core Signal Description
Hardened Timer/Counter
MachXO2 devices provide a hard Timer/Counter IP core. This Timer/Counter is a general purpose, bi-directional,
16-bit timer/counter module with independent output compare units and PWM support. The Timer/Counter sup-
ports the following functions:
Signal Name
I/O
Master/Slave
Description
spi_csn[0]
O
Master
SPI master chip-select output
spi_csn[1..7]
O
Master
Additional SPI chip-select outputs (total up to eight slaves)
spi_scsn
I
Slave
SPI slave chip-select input
spi_irq
O
Master/Slave
Interrupt request
spi_clk
I/O
Master/Slave
SPI clock. Output in master mode. Input in slave mode.
spi_miso
I/O
Master/Slave
SPI data. Input in master mode. Output in slave mode.
spi_mosi
I/O
Master/Slave
SPI data. Output in master mode. Input in slave mode.
ufm_sn
I
Slave
Configuration Slave Chip Select (active low), dedicated for selecting the
User Flash Memory (UFM).
cfg_stdby
O
Master/Slave
Stand-by signal – To be connected only to the power module of the MachXO2
device. The signal is enabled only if the “Wakeup Enable” feature has been
set within the EFB GUI, SPI Tab.
cfg_wake
O
Master/Slave
Wake-up signal – To be connected only to the power module of the MachXO2
device. The signal is enabled only if the “Wakeup Enable” feature has been
set within the EFB GUI, SPI Tab.
EFB
SPI Function
Core
Logic/
Routing
EFB
WISHBONE
Interface
SPI
Registers
Control
Logic
Configuration
Logic
MISO
MOSI
SCK
MCSN
SCSN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com