Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LCMXO2-1200ZE-3TG144C Datasheet(PDF) 73 Page - Lattice Semiconductor

Part # LCMXO2-1200ZE-3TG144C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-1200ZE-3TG144C Datasheet(HTML) 73 Page - Lattice Semiconductor

Back Button LCMXO2-1200ZE-3TG144C Datasheet HTML 69Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 70Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 71Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 72Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 73Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 74Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 75Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 76Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 77Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 106 page
background image
3-34
DC and Switching Characteristics
MachXO2 Family Data Sheet
Flash Download Time
1, 2
JTAG Port Timing Specifications
Symbol
Parameter
Device
Typ.
Units
tREFRESH
POR to Device I/O Active
LCMXO2-256
0.6
ms
LCMXO2-640
1.0
ms
LCMXO2-640U
1.9
ms
LCMXO2-1200
1.9
ms
LCMXO2-1200U
1.4
ms
LCMXO2-2000
1.4
ms
LCMXO2-2000U
2.4
ms
LCMXO2-4000
2.4
ms
LCMXO2-7000
3.8
ms
1. Assumes sysMEM EBR initialized to an all zero pattern if they are used.
2. The Flash download time is measured starting from the maximum voltage of POR trip point.
Symbol
Parameter
Min.
Max.
Units
fMAX
TCK clock frequency
—
25
MHz
tBTCPH
TCK [BSCAN] clock pulse width high
20
—
ns
tBTCPL
TCK [BSCAN] clock pulse width low
20
—
ns
tBTS
TCK [BSCAN] setup time
10
—
ns
tBTH
TCK [BSCAN] hold time
8
—
ns
tBTCO
TAP controller falling edge of clock to valid output
—
10
ns
tBTCODIS
TAP controller falling edge of clock to valid disable
—
10
ns
tBTCOEN
TAP controller falling edge of clock to valid enable
—
10
ns
tBTCRS
BSCAN test capture register setup time
8
—
ns
tBTCRH
BSCAN test capture register hold time
20
—
ns
tBUTCO
BSCAN test update register, falling edge of clock to valid output
—
25
ns
tBTUODIS
BSCAN test update register, falling edge of clock to valid disable
—
25
ns
tBTUPOEN
BSCAN test update register, falling edge of clock to valid enable
—
25
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com