Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LCMXO2-1200ZE-3TG144C Datasheet(PDF) 35 Page - Lattice Semiconductor

Part # LCMXO2-1200ZE-3TG144C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-1200ZE-3TG144C Datasheet(HTML) 35 Page - Lattice Semiconductor

Back Button LCMXO2-1200ZE-3TG144C Datasheet HTML 31Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 32Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 33Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 34Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 35Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 36Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 37Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 38Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 39Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 106 page
background image
2-31
Architecture
MachXO2 Family Data Sheet
• Supports the following modes of operation:
– Watchdog timer
– Clear timer on compare match
–Fast PWM
– Phase and Frequency Correct PWM
• Programmable clock input source
• Programmable input clock prescaler
• One static interrupt output to routing
• One wake-up interrupt to on-chip standby mode controller.
• Three independent interrupt sources: overflow, output compare match, and input capture
• Auto reload
• Time-stamping support on the input capture unit
• Waveform generation on the output
• Glitch-free PWM waveform generation with variable PWM period
• Internal WISHBONE bus access to the control and status registers
• Stand-alone mode with preloaded control registers and direct reset input
Figure 2-23. Timer/Counter Block Diagram
Table 2-17. Timer/Counter Signal Description
For more details on these embedded functions, please refer to TN1205, Using User Flash Memory and Hardened
Control Functions in MachXO2 Devices.
Port
I/O
Description
tc_clki
I
Timer/Counter input clock signal
tc_rstn
I
Register tc_rstn_ena is preloaded by configuration to always keep this pin enabled
tc_ic
I
Input capture trigger event, applicable for non-pwm modes with WISHBONE interface. If
enabled, a rising edge of this signal will be detected and synchronized to capture tc_cnt value
into tc_icr for time-stamping.
tc_int
O
Without WISHBONE – Can be used as overflow flag
With WISHBONE – Controlled by three IRQ registers
tc_oc
O
Timer counter output signal
EFB
Timer/Counter
Core
Logic
Routing
PWM
EFB
WISHBONE
Interface
Timer/
Counter
Registers
Control
Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com