Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LCMXO2-1200ZE-3TG144C Datasheet(PDF) 12 Page - Lattice Semiconductor

Part # LCMXO2-1200ZE-3TG144C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-1200ZE-3TG144C Datasheet(HTML) 12 Page - Lattice Semiconductor

Back Button LCMXO2-1200ZE-3TG144C Datasheet HTML 8Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 9Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 10Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 11Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 12Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 13Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 14Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 15Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 16Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 106 page
background image
2-8
Architecture
MachXO2 Family Data Sheet
The LOCK signal is asserted when the PLL determines it has achieved lock and de-asserted if a loss of lock is
detected. A block diagram of the PLL is shown in Figure 2-7.
The setup and hold times of the device can be improved by programming a phase shift into the CLKOS, CLKOS2,
and CLKOS3 output clocks which will advance or delay the output clock with reference to the CLKOP output clock.
This phase shift can be either programmed during configuration or can be adjusted dynamically. In dynamic mode,
the PLL may lose lock after a phase adjustment on the output used as the feedback source and not relock until the
tLOCK parameter has been satisfied.
The MachXO2 also has a feature that allows the user to select between two different reference clock sources
dynamically. This feature is implemented using the PLLREFCS primitive. The timing parameters for the PLL are
shown in the table.
The MachXO2 PLL contains a WISHBONE port feature that allows the PLL settings, including divider values, to be
dynamically changed from the user logic. When using this feature the EFB block must also be instantiated in the
design to allow access to the WISHBONE ports. Similar to the dynamic phase adjustment, when PLL settings are
updated through the WISHBONE port the PLL may lose lock and not relock until the tLOCK parameter has been sat-
isfied. The timing parameters for the PLL are shown in the table.
For more details on the PLL and the WISHBONE interface, see TN1199, MachXO2 sysCLOCK PLL Design and
Usage Guide.
Figure 2-7. PLL Diagram
CLKOP, CLKOS, CLKOS2, CLKOS3
REFCLK
Internal Feedback
FBKSEL
CLKOP
CLKOS
4
CLKOS2
CLKOS3
REFCLK
Divider
M (1 - 40)
LOCK
ENCLKOP, ENCLKOS, ENCLKOS2, ENCLKOS3
RST, RESETM, RESETC, RESETD
CLKFB
CLKI
Dynamic
Phase
Adjust
PHASESEL[1:0]
PHASEDIR
PHASESTEP
FBKCLK
Divider
N (1 - 40)
Fractional-N
Synthesizer
Phase detector,
VCO, and
loop filter.
CLKOS3
Divider
(1 - 128)
CLKOS2
Divider
(1 - 128)
Phase
Adjust
Phase
Adjust
Phase
Adjust/
Edge Trim
CLKOS
Divider
(1 - 128)
CLKOP
Divider
(1 - 128)
Lock
Detect
ClkEn
Synch
ClkEn
Synch
ClkEn
Synch
ClkEn
Synch
PLLDATO[7:0] , PLLACK
PLLCLK, PLLRST, PLLSTB, PLLWE, PLLDATI[7:0], PLLADDR[4:0]
A0
B0
C0
D0
D1
Mux
A2
Mux
B2
Mux
C2
Mux
D2
Mux
DPHSRC
Phase
Adjust/
Edge Trim
STDBY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com