Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LCMXO2-1200ZE-3TG144C Datasheet(PDF) 31 Page - Lattice Semiconductor

Part # LCMXO2-1200ZE-3TG144C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-1200ZE-3TG144C Datasheet(HTML) 31 Page - Lattice Semiconductor

Back Button LCMXO2-1200ZE-3TG144C Datasheet HTML 27Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 28Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 29Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 30Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 31Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 32Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 33Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 34Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 35Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 106 page
background image
2-27
Architecture
MachXO2 Family Data Sheet
Hot Socketing
The MachXO2 devices have been carefully designed to ensure predictable behavior during power-up and power-
down. Leakage into I/O pins is controlled to within specified limits. This allows for easy integration with the rest of
the system. These capabilities make the MachXO2 ideal for many multiple power supply and hot-swap applica-
tions.
On-chip Oscillator
Every MachXO2 device has an internal CMOS oscillator. The oscillator output can be routed as a clock to the clock
tree or as a reference clock to the sysCLOCK PLL using general routing resources. The oscillator frequency can be
divided by internal logic. There is a dedicated programming bit and a user input to enable/disable the oscillator. The
oscillator frequency ranges from 2.08 MHz to 133 MHz. The software default value of the Master Clock (MCLK) is
nominally 2.08 MHz. When a different MCLK is selected during the design process, the following sequence takes
place:
1.
Device powers up with a nominal MCLK frequency of 2.08 MHz.
2.
During configuration, users select a different master clock frequency.
3.
The MCLK frequency changes to the selected frequency once the clock configuration bits are received.
4.
If the user does not select a master clock frequency, then the configuration bitstream defaults to the MCLK fre-
quency of 2.08 MHz.
Table 2-14 lists all the available MCLK frequencies.
Table 2-14. Available MCLK Frequencies
Embedded Hardened IP Functions and User Flash Memory
All MachXO2 devices provide embedded hardened functions such as SPI, I
2C and Timer/Counter. MachXO2-640/U
and higher density devices also provide User Flash Memory (UFM). These embedded blocks interface through the
WISHBONE interface with routing as shown in Figure 2-20.
MCLK (MHz, Nominal)
MCLK (MHz, Nominal)
MCLK (MHz, Nominal)
2.08 (default)
9.17
33.25
2.46
10.23
38
3.17
13.3
44.33
4.29
14.78
53.2
5.54
20.46
66.5
7
26.6
88.67
8.31
29.56
133



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com