Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LCMXO2-1200ZE-3TG144C Datasheet(PDF) 69 Page - Lattice Semiconductor

Part # LCMXO2-1200ZE-3TG144C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-1200ZE-3TG144C Datasheet(HTML) 69 Page - Lattice Semiconductor

Back Button LCMXO2-1200ZE-3TG144C Datasheet HTML 65Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 66Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 67Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 68Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 69Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 70Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 71Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 72Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 73Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 106 page
background image
3-30
DC and Switching Characteristics
MachXO2 Family Data Sheet
Figure 3-9. GDDR71 Video Timing Waveforms
Figure 3-10. Receiver GDDR71_RX. Waveforms
Figure 3-11. Transmitter GDDR71_TX. Waveforms
756 Mbps
Data Out
756 Mbps
Clock Out
125 MHz
Clock In
125 MHz
tDVA
tDVE
01
2
3
4
5
6
0
tDIA
tDIB
01
2
3
4
5
6
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com