Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LCMXO2-1200ZE-3TG144C Datasheet(PDF) 14 Page - Lattice Semiconductor

Part # LCMXO2-1200ZE-3TG144C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-1200ZE-3TG144C Datasheet(HTML) 14 Page - Lattice Semiconductor

Back Button LCMXO2-1200ZE-3TG144C Datasheet HTML 10Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 11Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 12Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 13Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 14Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 15Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 16Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 17Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 18Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 106 page
background image
2-10
Architecture
MachXO2 Family Data Sheet
Table 2-5. sysMEM Block Configurations
Bus Size Matching
All of the multi-port memory modes support different widths on each of the ports. The RAM bits are mapped LSB
word 0 to MSB word 0, LSB word 1 to MSB word 1, and so on. Although the word size and number of words for
each port varies, this mapping scheme applies to each port.
RAM Initialization and ROM Operation
If desired, the contents of the RAM can be pre-loaded during device configuration. EBR initialization data can be
loaded from the UFM. To maximize the number of UFM bits, initialize the EBRs used in your design to an all-zero
pattern. Initializing to an all-zero pattern does not use up UFM bits. MachXO2 devices have been designed such
that multiple EBRs share the same initialization memory space if they are initialized to the same pattern.
By preloading the RAM block during the chip configuration cycle and disabling the write controls, the sysMEM block
can also be utilized as a ROM.
Memory Cascading
Larger and deeper blocks of RAM can be created using EBR sysMEM Blocks. Typically, the Lattice design tools
cascade memory transparently, based on specific design inputs.
Single, Dual, Pseudo-Dual Port and FIFO Modes
Figure 2-8 shows the five basic memory configurations and their input/output names. In all the sysMEM RAM
modes, the input data and addresses for the ports are registered at the input of the memory array. The output data
of the memory is optionally registered at the memory array output.
Memory Mode
Configurations
Single Port
8,192 x 1
4,096 x 2
2,048 x 4
1,024 x 9
True Dual Port
8,192 x 1
4,096 x 2
2,048 x 4
1,024 x 9
Pseudo Dual Port
8,192 x 1
4,096 x 2
2,048 x 4
1,024 x 9
512 x 18
FIFO
8,192 x 1
4,096 x 2
2,048 x 4
1,024 x 9
512 x 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com