Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LCMXO2-1200ZE-3TG144C Datasheet(PDF) 11 Page - Lattice Semiconductor

Part # LCMXO2-1200ZE-3TG144C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-1200ZE-3TG144C Datasheet(HTML) 11 Page - Lattice Semiconductor

Back Button LCMXO2-1200ZE-3TG144C Datasheet HTML 7Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 8Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 9Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 10Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 11Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 12Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 13Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 14Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 15Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 106 page
background image
2-7
Architecture
MachXO2 Family Data Sheet
Eight secondary high fanout nets are generated from eight 8:1 muxes as shown in Figure 2-6. One of the eight
inputs to the secondary high fanout net input mux comes from dual function clock pins and the remaining seven
come from internal routing. The maximum frequency for the secondary clock network is shown in MachXO2 Exter-
nal Switching Characteristics table.
Figure 2-6. Secondary High Fanout Nets for MachXO2 Devices
sysCLOCK Phase Locked Loops (PLLs)
The sysCLOCK PLLs provide the ability to synthesize clock frequencies. The MachXO2-640U, MachXO2-1200/U
and larger devices have one or more sysCLOCK PLL. CLKI is the reference frequency input to the PLL and its
source can come from an external I/O pin or from internal routing. CLKFB is the feedback signal to the PLL which
can come from internal routing or an external I/O pin. The feedback divider is used to multiply the reference fre-
quency and thus synthesize a higher frequency clock output.
The MachXO2 sysCLOCK PLLs support high resolution (16-bit) fractional-N synthesis. Fractional-N frequency syn-
thesis allows the user to generate an output clock which is a non-integer multiple of the input frequency. For more
information about using the PLL with Fractional-N synthesis, please see TN1199, MachXO2 sysCLOCK PLL
Design and Usage Guide.
Each output has its own output divider, thus allowing the PLL to generate different frequencies for each output. The
output dividers can have a value from 1 to 128. The CLKOS2 and CLKOS3 dividers may also be cascaded together
to generate low frequency clocks. The CLKOP, CLKOS, CLKOS2, and CLKOS3 outputs can all be used to drive the
MachXO2 clock distribution network directly or general purpose routing resources can be used.
17
8:1
8:1
8:1
8:1
8:1
8:1
8:1
8:1
Clock Pads
Routing
Secondary High
Fanout Net 0
Secondary High
Fanout Net 1
Secondary High
Fanout Net 2
Secondary High
Fanout Net 3
Secondary High
Fanout Net 4
Secondary High
Fanout Net 5
Secondary High
Fanout Net 6
Secondary High
Fanout Net 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com