Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LCMXO2-1200ZE-3TG144C Datasheet(PDF) 6 Page - Lattice Semiconductor

Part # LCMXO2-1200ZE-3TG144C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-1200ZE-3TG144C Datasheet(HTML) 6 Page - Lattice Semiconductor

Back Button LCMXO2-1200ZE-3TG144C Datasheet HTML 2Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 3Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 4Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 5Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 6Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 7Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 8Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 9Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 10Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 106 page
background image
2-2
Architecture
MachXO2 Family Data Sheet
The logic blocks, Programmable Functional Unit (PFU) and sysMEM EBR blocks, are arranged in a two-dimen-
sional grid with rows and columns. Each row has either the logic blocks or the EBR blocks. The PIO cells are
located at the periphery of the device, arranged in banks. The PFU contains the building blocks for logic, arithmetic,
RAM, ROM, and register functions. The PIOs utilize a flexible I/O buffer referred to as a sysIO buffer that supports
operation with a variety of interface standards. The blocks are connected with many vertical and horizontal routing
channel resources. The place and route software tool automatically allocates these routing resources.
In the MachXO2 family, the number of sysIO banks varies by device. There are different types of I/O buffers on the
different banks. Refer to the details in later sections of this document. The sysMEM EBRs are large, dedicated fast
memory blocks; these blocks are found in MachXO2-640/U and larger devices. These blocks can be configured as
RAM, ROM or FIFO. FIFO support includes dedicated FIFO pointer and flag “hard” control logic to minimize LUT
usage.
The MachXO2 architecture also provides up to two sysCLOCK Phase Locked Loop (PLL) blocks on MachXO2-
640U, MachXO2-1200/U and larger devices. These blocks are located at the ends of the on-chip Flash block. The
PLLs have multiply, divide, and phase shifting capabilities that are used to manage the frequency and phase rela-
tionships of the clocks.
MachXO2 devices provide commonly used hardened functions such as SPI controller, I
2C controller and timer/
counter. MachXO2-640/U and higher density devices also provide User Flash Memory (UFM). These hardened
functions and the UFM interface to the core logic and routing through a WISHBONE interface. The UFM can also
be accessed through the SPI, I
2C and JTAG ports.
Every device in the family has a JTAG port that supports programming and configuration of the device as well as
access to the user logic. The MachXO2 devices are available for operation from 3.3V, 2.5V and 1.2V power sup-
plies, providing easy integration into the overall system.
PFU Blocks
The core of the MachXO2 device consists of PFU blocks, which can be programmed to perform logic, arithmetic,
distributed RAM and distributed ROM functions. Each PFU block consists of four interconnected slices numbered 0
to 3 as shown in Figure 2-3. Each slice contains two LUTs and two registers. There are 53 inputs and 25 outputs
associated with each PFU block.
Figure 2-3. PFU Block Diagram
Slice 0
LUT4 &
CARRY
LUT4 &
CARRY
FF/
Latch
FCIN
FCO
D
FF/
Latch
D
Slice 1
LUT4 &
CARRY
LUT4 &
CARRY
Slice 2
LUT4 &
CARRY
LUT4 &
CARRY
From
Routing
To
Routing
Slice 3
LUT4 &
CARRY
LUT4 &
CARRY
FF/
Latch
D
FF/
Latch
D
FF/
Latch
D
FF/
Latch
D
FF/
Latch
D
FF/
Latch
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com