Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LCMXO2-1200ZE-3TG144C Datasheet(PDF) 67 Page - Lattice Semiconductor

Part # LCMXO2-1200ZE-3TG144C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-1200ZE-3TG144C Datasheet(HTML) 67 Page - Lattice Semiconductor

Back Button LCMXO2-1200ZE-3TG144C Datasheet HTML 63Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 64Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 65Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 66Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 67Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 68Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 69Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 70Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 71Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 106 page
background image
3-28
DC and Switching Characteristics
MachXO2 Family Data Sheet
LPDDR
9
tDVADQ
Input Data Valid After DQS
Input
MachXO2-1200/U
and larger devices,
right side only.
—
0.349
—
0.381
—
0.396
UI
tDVEDQ
Input Data Hold After DQS
Input
0.665
—
0.630
—
0.613
—
UI
tDQVBS
Output Data Invalid Before
DQS Output
0.25
—
0.25
—
0.25
—
UI
tDQVAS
Output Data Invalid After DQS
Output
0.25
—
0.25
—
0.25
—
UI
fDATA
MEM LPDDR Serial Data
Speed
—
120
—
110
—
96
Mbps
fSCLK
SCLK Frequency
—
60
—
55
—
48
MHz
fLPDDR
LPDDR Data Transfer Rate
0
120
0
110
0
96
Mbps
DDR
9
tDVADQ
Input Data Valid After DQS
Input
MachXO2-1200/U
and larger devices,
right side only.
—
0.347
—
0.374
—
0.393
UI
tDVEDQ
Input Data Hold After DQS
Input
0.665
—
0.637
—
0.616
—
UI
tDQVBS
Output Data Invalid Before
DQS Output
0.25
—
0.25
—
0.25
—
UI
tDQVAS
Output Data Invalid After DQS
Output
0.25
—
0.25
—
0.25
—
UI
fDATA
MEM DDR Serial Data Speed
—
140
—
116
—
98
Mbps
fSCLK
SCLK Frequency
—
70
—
58
—
49
MHz
fMEM_DDR
MEM DDR Data Transfer Rate
N/A
140
N/A
116
N/A
98
Mbps
DDR2
9
tDVADQ
Input Data Valid After DQS
Input
MachXO2-1200/U
and larger devices,
right side only.
—
0.372
—
0.394
—
0.410
UI
tDVEDQ
Input Data Hold After DQS
Input
0.690
—
0.658
—
0.618
—
UI
tDQVBS
Output Data Invalid Before
DQS Output
0.25
—
0.25
—
0.25
—
UI
tDQVAS
Output Data Invalid After DQS
Output
0.25
—
0.25
—
0.25
—
UI
fDATA
MEM DDR Serial Data Speed
—
140
—
116
—
98
Mbps
fSCLK
SCLK Frequency
—
70
—
58
—
49
MHz
fMEM_DDR2
MEM DDR2 Data Transfer
Rate
N/A
140
N/A
116
N/A
98
Mbps
1.
Exact performance may vary with device and design implementation. Commercial timing numbers are shown at 85°C and 1.14V. Other
operating conditions, including industrial, can be extracted from the Diamond software.
2.
General I/O timing numbers based on LVCMOS 2.5, 8mA, 0pf load.
3.
Generic DDR timing numbers based on LVDS I/O (for input, output, and clock ports).
4.
DDR timing numbers based on SSTL25. DDR2 timing numbers based on SSTL18. LPDDR timing numbers based in LVCMOS18.
5.
7:1 LVDS (GDDR71) uses the LVDS I/O standard (for input, output, and clock ports).
6.
For Generic DDRX1 mode tSU = tHO = (tDVE - tDVA - 0.03ns)/2.
7.
The tSU_DEL and tH_DEL values use the SCLK_ZERHOLD default step size. Each step is 167ps (-3), 182ps (-2), 195ps (-1).
8.
This number for general purpose usage. Duty cycle tolerance is +/-10%.
9.
Duty cycle is +/- 5% for system usage.
10. The above timing numbers are generated using the Diamond design tool. Exact performance may vary with the device selected.
Parameter
Description
Device
-3
-2
-1
Units
Min.
Max.
Min.
Max.
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com