Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LCMXO2-1200ZE-3TG144C Datasheet(PDF) 52 Page - Lattice Semiconductor

Part # LCMXO2-1200ZE-3TG144C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-1200ZE-3TG144C Datasheet(HTML) 52 Page - Lattice Semiconductor

Back Button LCMXO2-1200ZE-3TG144C Datasheet HTML 48Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 49Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 50Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 51Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 52Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 53Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 54Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 55Page - Lattice Semiconductor LCMXO2-1200ZE-3TG144C Datasheet HTML 56Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 106 page
background image
3-13
DC and Switching Characteristics
MachXO2 Family Data Sheet
RSDS
The MachXO2 family supports the differential RSDS standard. The output standard is emulated using complemen-
tary LVCMOS outputs in conjunction with resistors across the driver outputs on all the devices. The RSDS input
standard is supported by the LVDS differential input buffer. The scheme shown in Figure 3-4 is one possible solu-
tion for RSDS standard implementation. Use LVDS25E mode with suggested resistors for RSDS operation. Resis-
tor values in Figure 3-4 are industry standard values for 1% resistors.
Figure 3-4. RSDS (Reduced Swing Differential Standard)
Table 3-4. RSDS DC Conditions
Parameter
Description
Typical
Units
ZOUT
Output impedance
20
Ohms
RS
Driver series resistor
294
Ohms
RP
Driver parallel resistor
121
Ohms
RT
Receiver termination
100
Ohms
VOH
Output high voltage
1.35
V
VOL
Output low voltage
1.15
V
VOD
Output differential voltage
0.20
V
VCM
Output common mode voltage
1.25
V
ZBACK
Back impedance
101.5
Ohms
IDC
DC output current
3.66
mA
100
294
294
On-chip
On-chip
Off-chip
Emulated
RSDS Buffer
VCCIO = 2.5V
VCCIO = 2.5V
8mA
8mA
Zo = 100
+
-
121
Off-chip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com