| Electronic Components Datasheet Search |
|
PIC16F676-E/ST Datasheet(PDF) 41 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F676-E/ST Datasheet(HTML) 41 Page - Microchip Technology |
|
41 / 132 page ![]() 2010 Microchip Technology Inc. DS40039F-page 41 PIC16F630/676 6.2 Comparator Configuration There are eight modes of operation for the comparator. The CMCON register, shown in Register 6-1, is used to select the mode. Figure 6-2 shows the eight possible modes. The TRISA register controls the data direction of the comparator pins for each mode. If the Comparator mode is changed, the comparator output level may not be valid for a specified period of time. Refer to the specifications in Section 12.0 “Electri- cal Specifications”. FIGURE 6-2: COMPARATOR I/O OPERATING MODES Note: Comparator interrupts should be disabled during a Comparator mode change. Other- wise, a false interrupt may occur. Comparator Reset (POR Default Value – low power) Comparator Off (Lowest power) CM2:CM0 = 000 CM2:CM0 = 111 Comparator without Output Comparator w/o Output and with Internal Reference CM2:CM0 = 010 CM2:CM0 = 100 Comparator with Output and Internal Reference Multiplexed Input with Internal Reference and Output CM2:CM0 = 011 CM2:CM0 = 101 Comparator with Output Multiplexed Input with Internal Reference CM2:CM0 = 001 CM2:CM0 = 110 A = Analog Input, ports always reads ‘0’ D = Digital Input CIS = Comparator Input Switch (CMCON<3>) RA1/CIN- RA0/CIN+ Off (Read as ‘0’) A A RA2/COUT D RA1/CIN- RA0/CIN+ Off (Read as ‘0’) D D RA2/COUT D RA1/CIN- RA0/CIN+ COUT A A RA2/COUT D RA1/CIN- RA0/CIN+ COUT A D RA2/COUT D From CVREF Module RA1/CIN- RA0/CIN+ COUT A D RA2/COUT D From CVREF Module RA1/CIN- RA0/CIN+ COUT A A RA2/COUT D From CVREF Module CIS = 0 CIS = 1 RA1/CIN- RA0/CIN+ COUT A A RA2/COUT D RA1/CIN- RA0/CIN+ COUT A A RA2/COUT D From CVREF Module CIS = 0 CIS = 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |