Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F676-E/ST Datasheet(PDF) 76 Page - Microchip Technology

Part # PIC16F676-E/ST
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F676-E/ST Datasheet(HTML) 76 Page - Microchip Technology

Back Button PIC16F676-E/ST Datasheet HTML 72Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 73Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 74Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 75Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 76Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 77Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 78Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 79Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 80Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 132 page
background image
PIC16F630/676
DS40039F-page 76
 2010 Microchip Technology Inc.
CALL
Call Subroutine
Syntax:
[ label ] CALL k
Operands:
0
 k  2047
Operation:
(PC)+ 1
 TOS,
k
 PC<10:0>,
(PCLATH<4:3>)
 PC<12:11>
Status Affected:
None
Description:
Call Subroutine. First, return
address (PC + 1) is pushed onto
the stack. The eleven-bit immedi-
ate address is loaded into PC bits
<10:0>. The upper bits of the PC
are loaded from PCLATH. CALL is
a two-cycle instruction.
CLRF
Clear f
Syntax:
[label] CLRF f
Operands:
0
 f  127
Operation:
00h
 (f)
1
 Z
Status Affected:
Z
Description:
The contents of register ‘f’ are
cleared and the Z bit is set.
CLRW
Clear W
Syntax:
[ label ] CLRW
Operands:
None
Operation:
00h
 (W)
1
 Z
Status Affected:
Z
Description:
W register is cleared. Zero bit (Z)
is set.
CLRWDT
Clear Watchdog Timer
Syntax:
[ label ] CLRWDT
Operands:
None
Operation:
00h
 WDT
0
 WDT prescaler,
1
 TO
1
 PD
Status Affected:
TO, PD
Description:
CLRWDT instruction resets the
Watchdog Timer. It also resets the
prescaler of the WDT.
Status bits TO and PD are set.
COMF
Complement f
Syntax:
[ label ] COMF f,d
Operands:
0
 f  127
d
 [0,1]
Operation:
(f)
 (destination)
Status Affected:
Z
Description:
The contents of register ‘f’ are
complemented. If ‘d’ is 0, the
result is stored in W. If ‘d’ is 1, the
result is stored back in register ‘f’.
DECF
Decrement f
Syntax:
[label] DECF f,d
Operands:
0
 f  127
d
 [0,1]
Operation:
(f) - 1
 (destination)
Status Affected:
Z
Description:
Decrement register ‘f’. If ‘d’ is 0,
the result is stored in the W
register. If ‘d’ is 1, the result is
stored back in register ‘f’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com