Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F676-E/ST Datasheet(PDF) 42 Page - Microchip Technology

Part # PIC16F676-E/ST
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F676-E/ST Datasheet(HTML) 42 Page - Microchip Technology

Back Button PIC16F676-E/ST Datasheet HTML 38Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 39Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 40Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 41Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 42Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 43Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 44Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 45Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 132 page
background image
PIC16F630/676
DS40039F-page 42
 2010 Microchip Technology Inc.
6.3
Analog Input Connection
Considerations
A simplified circuit for an analog input is shown in
Figure 6-3. Since the analog pins are connected to a
digital output, they have reverse biased diodes to VDD
and VSS. The analog input, therefore, must be between
VSS and VDD. If the input voltage deviates from this
range by more than 0.6V in either direction, one of the
diodes is forward biased and a latch-up may occur. A
maximum
source
impedance
of
10 k
is
recommended for the analog sources. Any external
component connected to an analog input pin, such as
a capacitor or a Zener diode, should have very little
leakage current.
FIGURE 6-3:
ANALOG INPUT MODE
6.4
Comparator Output
The comparator output, COUT, is read through the
CMCON register. This bit is read-only. The comparator
output may also be directly output to the RA2 pin in
three of the eight possible modes, as shown in
Figure 6-2. When in one of these modes, the output on
RA2 is asynchronous to the internal clock. Figure 6-4
shows the comparator output block diagram.
The TRISA<2> bit functions as an output enable/
disable for the RA2 pin while the comparator is in an
Output mode.
FIGURE 6-4:
MODIFIED COMPARATOR OUTPUT BLOCK DIAGRAM
VA
Rs < 10K
AIN
CPIN
5 pF
VDD
VT = 0.6V
VT = 0.6V
RIC
Leakage
±500 nA
Vss
Legend:
CPIN
= Input Capacitance
VT
= Threshold Voltage
ILEAKAGE
= Leakage Current at the pin due to Various Junctions
RIC
= Interconnect Resistance
RS
= Source Impedance
VA
= Analog Voltage
Note 1: When reading the PORTA register, all
pins configured as analog inputs will read
as a ‘0’. Pins configured as digital inputs
will convert an analog input according to
the TTL input specification.
2: Analog levels on any pin that is defined as
a digital input, may cause the input buffer
to consume more current than is
specified.
To RA2/T0CKI pin
RD CMCON
Set CMIF bit
Reset
To Data Bus
CINV
CVREF
D
EN
Q
D
EN
Q
RD CMCON
RA1/CIN-
RA0/CIN+
CM2:CM0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com